Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7051ETA Datasheet(PDF) 5 Page - Copal Electronics

Part # S-7051ETA
Description  ROTARY CODED SWITCHES (SMD)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7051ETA Datasheet(HTML) 5 Page - Copal Electronics

  S-7051ETA Datasheet HTML 1Page - Copal Electronics S-7051ETA Datasheet HTML 2Page - Copal Electronics S-7051ETA Datasheet HTML 3Page - Copal Electronics S-7051ETA Datasheet HTML 4Page - Copal Electronics S-7051ETA Datasheet HTML 5Page - Copal Electronics S-7051ETA Datasheet HTML 6Page - Copal Electronics S-7051ETA Datasheet HTML 7Page - Copal Electronics S-7051ETA Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S-7000
ROTARY CODED SWITCHES (SMD)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7011EA (Real code)
O S-7031EA (Complementary code)
O S-7011EB (Real code)
O S-7031EB (Complementary code)
O S-7011EC (Real code)
O S-7031EC (Complementary code)
O S-7051EA (Real code)
O S-7071EA (Complementary code)
O S-7051EB (Real code)
O S-7071EB (Complementary code)
O S-7051EC (Real code)
O S-7071EC (Complementary code)
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W × 2.6 L × 0.6 D
C
1
2
C
8
4
7.8
6 – 0.8
t = 0.15
2.54
2.54
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
C
1
2
C
8
4
7.8
6 – 0.8
t = 0.15
2.54
2.54
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
5
4
6
Production date code
Marking appears only with complementary code
C
1
2
C
8
4
7.8
7.2
6 – 0.8
t = 0.15
2.54
2.54
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
7.8
6 – 0.8
2.54
2.54
C
1
2
C
8
4
t = 0.15
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
5
4
6
Production date code
Marking appears only with complementary code
C
1
2
C
8
4
7.8
7.2
6 – 0.5
t = 0.15
2.54
2.54
5.08
1.8
0.6 W × 2.6 L × 0.6 D
Lead-free ldentification mark
8
Marking appears only with complementary code
7.2
7
A
9
Production date code
7.8
6 – 0.5
t = 0.15
2.54
2.54
5.08
1.8
0.6 W × 2.6 L × 0.6 D
C
1
2
C
8
4
Lead-free ldentification mark


Similar Part No. - S-7051ETA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-701T ETC2-S-701T Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
S-7041B SII-S-7041B Datasheet
1Mb / 21P
   PAGING DECODER
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - S-7051ETA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com