Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9926OC-TR Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APM9926OC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9926OC-TR Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APM9926OC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APM9926OC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Sep., 2002
www.anpec.com.tw
7
APM9926/C
Packaging Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 .3 5
1 .7 5
0 .0 5 3
0 . 0 6 9
A 1
0. 10
0. 25
0. 004
0. 010
D
4 .8 0
5 .0 0
0 .1 8 9
0 . 1 9 7
E
3 .8 0
4 .0 0
0 .1 5 0
0 . 1 5 7
H
5 .8 0
6 .2 0
0 .2 2 8
0 . 2 4 4
L
0 .4 0
1 .2 7
0 .0 1 6
0 . 0 5 0
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APM9926OC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9926AK ANPEC-APM9926AK Datasheet
118Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TR ANPEC-APM9926AKC-TR Datasheet
118Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TRL ANPEC-APM9926AKC-TRL Datasheet
118Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TU ANPEC-APM9926AKC-TU Datasheet
118Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TUL ANPEC-APM9926AKC-TUL Datasheet
118Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9926OC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com