Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-7070B Datasheet(PDF) 1 Page - Copal Electronics

Part # SA-7070B
Description  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-7070B Datasheet(HTML) 1 Page - Copal Electronics

  SA-7070B Datasheet HTML 1Page - Copal Electronics SA-7070B Datasheet HTML 2Page - Copal Electronics SA-7070B Datasheet HTML 3Page - Copal Electronics SA-7070B Datasheet HTML 4Page - Copal Electronics SA-7070B Datasheet HTML 5Page - Copal Electronics SA-7070B Datasheet HTML 6Page - Copal Electronics SA-7070B Datasheet HTML 7Page - Copal Electronics SA-7070B Datasheet HTML 8Page - Copal Electronics SA-7070B Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Low profile of 3.0 mm
O Wide variety (top or side setting, 10 or 16 positions,
J-hook, gull wing or through hole pins) to choose from
O Easy to recognize
O Low-profile side setting type with support terminals is
available
FEATURES
INTERNAL STRUCTURE
Part name
“O” ring
Cover
Rotor
Spacer
Moving contact
Fixed contact
Housing
Terminal pin
Material
Flammability
UL94HB
UL94V-0
UL94V-0
Silicone rubber
Marking cover
Stainless steel (SUS 304)
Polyphenylenesulphide
Stainless steel (SUS 304)
Copper alloy, Gold-plated
Polyphenylenesulphide
Copper alloy, Gold-plated
PART NUMBER DESIGNATION
S A - 7 0 1 0 T A
Series name
Shape of rotor
0Without knob (Minus slot)
1With knob
2Without knob (Cross slot)
Code format
1
:10 positions, real code
3
:10 positions, complementary code
5
:16 positions, real code
7
:16 positions, complementary code
Shape of terminal
AJ-hook
BGull wing
CThrough hole pins
(Only gull wing availabe for Low-profile side setting type)
Form of packaging
TTaping (Reel)
BlankBulk in plastic bag
(Only taping availabe for Low-profile side setting type)
Setting position
0Top setting
1Side setting
2Low-profile side setting & forward support terminal type
3Low-profile side setting & sideling support terminal type
SA-7000
ROTARY CODED SWITCHES (SMD)
RoHS compliant


Similar Part No. - SA-7070B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7070B ETC2-SA-7070B Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - SA-7070B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com