Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC080N03MSG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC080N03MSG
Description  OptiMOS?? M-Series Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC080N03MSG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC080N03MSG_13 Datasheet HTML 1Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 2Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 3Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 4Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 5Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 6Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 7Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 8Page - Infineon Technologies AG BSC080N03MSG_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC080N03MS G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1600
2100
pF
Output capacitance
C oss
-
510
680
Reverse transfer capacitance
Crss
-
33
-
Turn-on delay time
t d(on)
-
10
-
ns
Rise time
t r
-
5.4
-
Turn-off delay time
t d(off)
-
10
-
Fall time
t f
-
5.6
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
5.0
6.7
nC
Gate charge at threshold
Q g(th)
-
2.5
3.4
Gate to drain charge
Q gd
-
2.3
3.9
Switching charge
Q sw
-
4.8
7.2
Gate charge total
Q g
-
9.9
13
Gate plateau voltage
V plateau
-
3.2
-
V
Gate charge total
Q g
V DD=15 V, I D=30 A,
V GS=0 to 10 V
-
21
27
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-
8.6
11
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-
13
18
Reverse Diode
Diode continuous forward current
I S
-
-
32
A
Diode pulse current
I S,pulse
-
-
212
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.89
1.1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
5) See figure 16 for gate charge parameter definition
4) See figure 13 for more detailed information
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=4.5 V,
I D=30 A, R G=1.6 W
V DD=15 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 2.1
page 3
2013-05-17


Similar Part No. - BSC080N03MSG_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
logo
Analog Devices
BSC080N03MSG AD-BSC080N03MSG Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results

Similar Description - BSC080N03MSG_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ050N03MSG INFINEON-BSZ050N03MSG Datasheet
501Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.7 2009-11-05
BSZ130N03MSG INFINEON-BSZ130N03MSG Datasheet
334Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-23
BSO083N03MSG INFINEON-BSO083N03MSG Datasheet
318Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSC090N03MSG INFINEON-BSC090N03MSG_13 Datasheet
530Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
BSO038N03MSCG INFINEON-BSO038N03MSCG Datasheet
334Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSC025N03MSG INFINEON-BSC025N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.15 2009-10-22
BSZ035N03MSG INFINEON-BSZ035N03MSG Datasheet
330Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.6 2009-11-05
BSO220N03MDG INFINEON-BSO220N03MDG Datasheet
306Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSC057N03MSG INFINEON-BSC057N03MSG_13 Datasheet
531Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com