Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPS2-T220 Datasheet(PDF) 2 Page - Riedon Powertron

Part # FPS2-T220
Description  Precision Power Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPS2-T220 Datasheet(HTML) 2 Page - Riedon Powertron

  FPS2-T220 Datasheet HTML 1Page - Riedon Powertron FPS2-T220 Datasheet HTML 2Page - Riedon Powertron FPS2-T220 Datasheet HTML 3Page - Riedon Powertron FPS2-T220 Datasheet HTML 4Page - Riedon Powertron FPS2-T220 Datasheet HTML 5Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
04/14
0
20
40
60
80
100
120
25
50
85
100
115
130
Temperature of the backplate (°C)
0.5%
0.1%
0.2%
Temperature Coefficient
SPECIFICATIONS (continued)
FPR FPS 2/4-T220 T221
Derating
Precision Power Shunt Resistors
Power Rating Notes -
The FPR Series Resistors must be attached to a suitable heat-
sink. The maximum internal resistor temperature is 130°C.
To specify an appropriate heatsink use the following formula :
Where: R
q
H = Thermal Resistance of Heatsink ( K/W )
R
q
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
( *
)
R
P
T
P R
T
H
MAX
R
A
=
-
-
H
H


Similar Part No. - FPS2-T220

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPS2-T220 WILLOW-FPS2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Riedon Powertron
FPS2-T220 RIEDON-FPS2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
logo
Willow Technologies Ltd
FPS2-T2201R0 WILLOW-FPS2-T2201R0 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
More results

Similar Description - FPS2-T220

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FHR4-8065 RIEDON-FHR4-8065 Datasheet
387Kb / 5P
   Precision Power Shunt Resistors
FPR2B-0R05F2 RIEDON-FPR2B-0R05F2 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
   POWER METERING PRECISION SHUNT RESISTORS
logo
Riedon Powertron
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com