Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24B36H200BN2 Datasheet(PDF) 6 Page - Vicor Corporation

Part # S24B36H200BN2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24B36H200BN2 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button S24B36H200BN2 Datasheet HTML 2Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 3Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 4Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 5Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 6Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 7Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 8Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 9Page - Vicor Corporation S24B36H200BN2 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 6 of 15
01/2016
800 927.9474
24V Input
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.0
87.0
%
Nominal input; full load; 25°C
Ripple and noise
300
360
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
7.7
9.0
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10.4
Amps
Current limit
10.6
12.0
14.1
Amps
Output voltage 95% of nominal
Short circuit current
7.3
12.0
14.1
Amps
Output voltage <250mV
24VOUT, 250W (e.g. V24B24C250BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.0
88.9
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
4.4
5.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
7
11.5
13.5
Amps
Output voltage <250mV
15VOUT, 150W (e.g. V24B15C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.0
88.9
%
Nominal input; full load; 25°C
Ripple and noise
250
313
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
3.4
3.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
13.33
Amps
Current limit
13.5
15.9
17.3
Amps
Output voltage 95% of nominal
Short circuit current
13.5
16.1
17.3
Amps
Output voltage <250mV
15VOUT, 200W (e.g. V24B15C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24B12C150BL (enhanced efficiency)
87.5
90.0
%
Nominal input; full load; 25°C
V24B12C150BL (standard efficiency)
87.0
88.6
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
4.5
5.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.9
Amps
Output voltage 95% of nominal
Short circuit current
8.75
14.4
16.9
Amps
Output voltage <250mV
12VOUT, 150W (e.g. S24B12C150BL, V24B12C150BL)


Similar Part No. - S24B36H200BN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S24B-PADSS-1 ETC2-S24B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S24B-PHDSS ETC2-S24B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PHDSS-B ETC2-S24B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PUDSS-1 ETC2-S24B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S24B36H200BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com