Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC032N04LS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSC032N04LS
Description  OptiMOSTM Power-MOSFET, 40 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC032N04LS Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSC032N04LS Datasheet HTML 1Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 2Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 3Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 4Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 5Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 6Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 7Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 8Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
OptiMOSTMPower-MOSFET,40V
BSC032N04LS
Rev.2.1,2016-06-09
Final Data Sheet
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continuous forward current
IS
-
-
52
A
TC=25°C
Diode pulse current
IS,pulse
-
-
392
A
TC=25°C
Diode forward voltage
VSD
-
0.88
1
V
VGS=0V,IF=50A,Tj=25°C
Reverse recovery time
1)
trr
-
23
46
ns
VR=20V,IF=50A,diF/dt=400A/µs
Reverse recovery charge
Qrr
-
52
-
nC
VR=20V,IF=50A,diF/dt=400A/µs
1) Defined by design. Not subject to production test


Similar Part No. - BSC032N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSC032N03SG INFINEON-BSC032N03SG Datasheet
380Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.64 2009-10-22
BSC032N03S INFINEON-BSC032N03S_09 Datasheet
380Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.64 2009-10-22
More results

Similar Description - BSC032N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ034N04LS INFINEON-BSZ034N04LS Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
IQE013N04LM6 INFINEON-IQE013N04LM6 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.0,2020-07-15
BSC010N04LSI INFINEON-BSC010N04LSI_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC010N04LST INFINEON-BSC010N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC014N04LST INFINEON-BSC014N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC022N04LS INFINEON-BSC022N04LS Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-05-25
BSC009N04LSSC INFINEON-BSC009N04LSSC Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev. 2.1, 2022-10-06
BSC014N04LSI INFINEON-BSC014N04LSI_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC014N04LS INFINEON-BSC014N04LS_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.4,2016-05-04
BSC019N04LST INFINEON-BSC019N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.3,2020-08-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com