Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR1085 Datasheet(PDF) 10 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1085
Description  Current Limiting and Thermal Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1085 Datasheet(HTML) 10 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SLR1085 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Technical Data
3A Low Dropout Positive Regulator
Data Sheet N1585, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1085
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the SMC - Sangdest Microelectronics (Nanjing) Co., Ltd sales
department for the latest version of the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall SMC - Sangdest Microelectronics (Nanjing) Co., Ltd be liable for any damages that may result from an accident or
any other cause during operation of the user’s units according to the datasheet(s). SMC - Sangdest Microelectronics (Nanjing) Co., Ltd
assumes no responsibility for any intellectual property claims or any other problems that may result from applications of information,
products or circuits described in the datasheets.
4- In no event shall SMC - Sangdest Microelectronics (Nanjing) Co., Ltd be liable for any failure in a semiconductor device or any
secondary damage resulting from use at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or SMC - Sangdest Microelectronics
(Nanjing) Co., Ltd.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of SMC
- Sangdest Microelectronics (Nanjing) Co., Ltd.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will
hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third
party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and
regulations..


Similar Part No. - SLR1085

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
More results

Similar Description - SLR1085

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
   Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
   Current limiting ??(over-current protection)
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com