Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR1117A-25GTR Datasheet(PDF) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1117A-25GTR
Description  Current Limiting and Thermal Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1117A-25GTR Datasheet(HTML) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SLR1117A-25GTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 11Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1117A-25GTR Datasheet HTML 12Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Data
800mA Low Dropout Positive Regulator
Data Sheet N1576, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1117A
Physical Dimensions
TO-220 (unit: mm)
Note:
1. Refer to JEDEC TO-220AB.
2. Dimension "E" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion or gate burrs shall
not exceed 6 mil per side.
3. Dimension "D1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.


Similar Part No. - SLR1117A-25GTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
More results

Similar Description - SLR1117A-25GTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
   Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
   Current limiting ??(over-current protection)
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com