Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431A Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TL431A
Description  Fast Turn-On Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

TL431A Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  TL431A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431A Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Technical Data
Adjustable Precision Shunt Regulator
Data Sheet N1595 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMC431
TL431
TL431A
Description:
The SMC431, TL431A and TL431 are 3-terminal adjustable precision shunt regulators with guaranteed
temperature stability over the applicable extended commercial temperature range. The output voltage
may be set at any level greater than 2.495V (VREF) up to 30V merely by selecting two external resistors
that act as a voltage divider network. These devices have a typical output impedance of 0.08Ω. Active
output circuitry provides a very sharp turn-on characteristic, making these devices excellent improved
replacements for zener diodes in many applications. The precise ±0.5% reference voltage tolerance of
the SMC431 makes it possible in many applications to avoid the use of a variable resistor,
consequently saving cost and eliminating drift and reliability problems associated with it.
Features:
Precision Reference Voltage.
SMC431 : 2.495V ±0.5%
TL431A : 2.495V ±1.0%
TL431 : 2.495V ±1.6%
Sink Current Capability: 200mA.
Minimum Cathode Current for Regulation: 250μA.
Equivalent Full-Range Temperature Coefficient: 50 ppm/℃.
Fast Turn-On Response.
Low Dynamic Output Impedance: 0.08Ω.
Adjustable Output Voltage.
Low Output Noise.
Space Saving Packages: SOT-23
Applications:
Linear Regulators.
Adjustable Supplies.
Switching Power Supplies.
Battery Operated Computers.
Instrumentation.
Computer Disk Drivers.
Typical application circuit:


Similar Part No. - TL431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431A TI1-TL431A Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431A

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M250 SSOUSA-M250_15 Datasheet
177Kb / 5P
   Fast turn-on (50us TYP)
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
   Fast Turn-on Asymmetric Thyristor
XT2116 DYNEX-XT2116 Datasheet
30Kb / 4P
   Fast Turn-on Asymmetric Thyristor
logo
SHIKUES Electronics
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
   Low Turn-on Voltage, Fast Swithing
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
   Low Turn-on Voltage, Fast Switching
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
   Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS70WS SKTECHNOLGY-BAS70WS Datasheet
1Mb / 3P
   Low-Turn-on Volatage, Fast Swithing
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
   Low Turn-on Voltage, Fast Switching
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
   Low Turn-on voltage, Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com