Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF2202 Datasheet(PDF) 1 Page - Riedon Powertron

Part # PF2202
Description  TO-220 Power Thin Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2202 Datasheet(HTML) 1 Page - Riedon Powertron

  PF2202 Datasheet HTML 1Page - Riedon Powertron PF2202 Datasheet HTML 2Page - Riedon Powertron PF2202 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
08/15
PF2200 Series
TO-220 Housing
Rated Power to 50 Watts
Resistances from 0.02 to 51K Ohms
High Stability Film Resistance Elements
Resistance Tolerance to ±0.1%
TCR to ±50ppm/°C
Low Inductance ( <10nH )
Isolated Mounting Tab
SPECIFICATIONS
1 Power rating based on 25°C Flange Temperature
2 Power rating based on 25°C Ambient Temperature
3 Consult Factory for Higher or Lower Values
Type
Power Rating
Heatsink
1
Free Air
2
Thermal
Resistance
Resistance Range
3
Min
Max
Tolerances
Temperature
Coefficients
PF2205
50W
1W
2.3°C/W
0.02Ω
51KΩ
±1% ( R ≥ 0.1Ω )
±5%
±50ppm/°C ( R ≥ 10Ω )
±100ppm/°C ( 0.1Ω ≤ R < 10Ω )
±250ppm/°C ( R < 0.1Ω )
PF2203
35W
1W
3.3°C/W
0.01Ω
51KΩ
1% ( R ≥ 0.1Ω )
±5%
±50ppm/°C ( R ≥ 10Ω )
±100ppm/°C ( 0.1Ω ≤ R < 10Ω )
±250ppm/°C ( R < 0.1Ω )
PF2202
20W
1W
5.9°C/W
0.02Ω
51KΩ
0.1%,0.25%,0.5%, (R±≥ 10 Ω)
±1% ( R ≥ 0.1Ω )
±5%
±50ppm/°C ( R ≥ 10Ω )
±100ppm/°C ( 0.1Ω ≤ R < 10Ω )
±250ppm/°C ( R < 0.1Ω )
TO-220 Power Thin Film Resistors
Part Description: Part Type - Resistance - Tolerance - TCR
Example: PF2203 0.5 Ohm 1% 100ppm
Ordering Information


Similar Part No. - PF2202

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2202 RIEDON-PF2202 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
PF2202 RIEDON-PF2202 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2202 RIEDON-PF2202 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2202 RIEDON-PF2202 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2202 RIEDON-PF2202 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
More results

Similar Description - PF2202

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com