Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26200PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26200PW
Description  HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26200PW Datasheet(HTML) 3 Page - Texas Instruments

  BQ26200PW Datasheet HTML 1Page - Texas Instruments BQ26200PW Datasheet HTML 2Page - Texas Instruments BQ26200PW Datasheet HTML 3Page - Texas Instruments BQ26200PW Datasheet HTML 4Page - Texas Instruments BQ26200PW Datasheet HTML 5Page - Texas Instruments BQ26200PW Datasheet HTML 6Page - Texas Instruments BQ26200PW Datasheet HTML 7Page - Texas Instruments BQ26200PW Datasheet HTML 8Page - Texas Instruments BQ26200PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
bq26200
SLUS509A − DECEMBER 2001 − REVISED NOVEMBER 2004
3
www.ti.com
absolute maximum ratings over operating free–air temperature range (unless otherwise noted)†
Supply voltage (VCC with respect to GND)
−0.3 to +7.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, SRP and SRN (all with respect to GND)
−0.3 V to VCC+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (STAT)
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (REG)
400 nA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (HDQ)
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
_C to 70_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
− 55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 s)
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure
to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
2.8
5.5
V
TA
Operating ambient temperature
−20
70
_C
dc electrical characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(OP)
Supply current
VCC = 5.5 V, flash programming not active
88
120
µA
ICC(OP)
Supply current
VCC = 4.3 V, flash programming not active
78
95
µA
I(SLEEP)
Sleep current
2.8 V
≤ VCC ≤ 4.3 V,
flash programming not active
1
2
µA
ICC(PROG) Flash programming supply current
VCC = 5.5 V
22
25
mA
ICC(ERASE) Flash erase supply current
VCC = 5.5 V
14
25
mA
VOL
Digital output low HDQ
IOL = 1 mA
0.4
V
IOL
Digital output low sink current
350
µA
VIL
Digital input low HDQ pin
0.7
V
VIH
Digital input high HDQ pin
VCC < 4.2 V
1.7
V
VIH
Digital input high HDQ pin
VCC > 4.2 V
1.9
V
RSR
SR input impedance
0.2 V < (V(SRP) − V(SRN)) < VCC
10
M
ac electrical characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OR)
Power on reset delay
See Note 1
500
ms
NOTES:
1. Delay time after VCC is at least 2.8 V before HDQ communication is attempted.
REG amplifier characteristics over recommended operating temperature and supply voltage
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TH)
Regulator threshold
4.5
4.75
5.0
V


Similar Part No. - BQ26200PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200PW TI1-BQ26200PW Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWG4 TI1-BQ26200PWG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWR TI1-BQ26200PWR Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWRG4 TI1-BQ26200PWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
More results

Similar Description - BQ26200PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200_16 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Intersil Corporation
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com