Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISB0112D12 Datasheet(PDF) 1 Page - XP Power Limited

Part # ISB0112D12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISB0112D12 Datasheet(HTML) 1 Page - XP Power Limited

  ISB0112D12 Datasheet HTML 1Page - XP Power Limited ISB0112D12 Datasheet HTML 2Page - XP Power Limited ISB0112D12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
7
6
14
8
9
2
0.74 (18.9)
0.5 (12.7)
0.04 (1.0)
Top View
0.1
(1.8)
0.1 (2.54)
0.54
(13.7)
0.68
(17.2)
0.64
(16.15)
0.73
(18.6)
0.54
(13.7)
0.60 (15.24)
0.10
(2.54)
0.06
(1.6)
0.10
(2.45)
0.33
(8.45)
0.01
(0.25)
S
0.15 S
0.6 (15.0)
Seating
Plane
0.04
(1.1)
ISB01 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Input current is typically 2.5 mA at nominal input voltage when output is
remotely turned off.
3. Maximum capacitive load is per output.
4. For optional water washable version, add suffix ‘-P’ e.g. ISB0112S12-P.
• Regulated Single & Dual Output
• 2:1 Input Range
• Compact SMD Package
• 1500 VDC Isolation
• Operating Temperature -40 °C to +95 °C
• Remote On/Off
• Tape & Reel Package Available
• Optional Water Washable Versions
• 3 Year Warranty
Dimensions:
ISB01:
0.74 x 0.68 x 0.34” (18.9 x 17.2 x 8.7 mm)
1 Watt
Input voltage
Output voltage
Output current
Input current(1,2)
Maximum
capacitive load(3)
Reflected ripple
current
Efficiency
Model number(4)
No load
Full load
4.5-9V
5 V
200 mA
40 mA
256 mA
1680 µF
80 mA
78%
ISB0105S05
12 V
83 mA
252 mA
820 µF
79%
ISB0105S12
15 V
67 mA
248 mA
680 µF
81%
ISB0105S15
±12 V
±42 mA
255 mA
±470 µF
79%
ISB0105D12
±15 V
±33 mA
248 mA
±330 µF
80%
ISB0105D15
9-18V
5 V
200 mA
20 mA
105 mA
1680 µF
40mA
79%
ISB0112S05
12 V
83 mA
105 mA
820 µF
79%
ISB0112S12
15 V
67 mA
102 mA
680 µF
82%
ISB0112S15
±12 V
±42 mA
104 mA
±470 µF
81%
ISB0112D12
±15 V
±33 mA
103 mA
±330 µF
80%
ISB0112D15
18-36V
5 V
200 mA
10 mA
53 mA
1680 µF
30mA
79%
ISB0124S05
12 V
83 mA
51 mA
820 µF
82%
ISB0124S12
15 V
67 mA
51 mA
680 µF
82%
ISB0124S15
±12 V
±42 mA
51 mA
±470 µF
82%
ISB0124D12
±15 V
±33 mA
50 mA
±330 µF
82%
ISB0124D15
36-75V
5 V
200 mA
7 mA
26 mA
1680 µF
20mA
79%
ISB0148S05
12 V
83 mA
26 mA
820 µF
80%
ISB0148S12
15 V
67 mA
26 mA
680 µF
80%
ISB0148S15
±12 V
±42 mA
26 mA
±470 µF
81%
ISB0148D12
±15 V
±33 mA
25 mA
±330 µF
81%
ISB0148D15
Mechanical Details


Similar Part No. - ISB0112D12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
   Ultrathin Miniature Package 4-channel N-channel MOSFET Array
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
   Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
ISB-E48-0 SANYO-ISB-E48-0 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
ISB-E48-1 SANYO-ISB-E48-1 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
logo
Isahaya Electronics Cor...
ISB1035AS1 ISAHAYA-ISB1035AS1 Datasheet
219Kb / 3P
   FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - ISB0112D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com