Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISB0124S05 Datasheet(PDF) 3 Page - XP Power Limited

Part # ISB0124S05
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISB0124S05 Datasheet(HTML) 3 Page - XP Power Limited

  ISB0124S05 Datasheet HTML 1Page - XP Power Limited ISB0124S05 Datasheet HTML 2Page - XP Power Limited ISB0124S05 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISB01 Series
www.xppower.com
DC-DC Converter
3
22 Dec 15
1
7
6
14
8
9
2
S
0.15 S
0.74 (18.9)
0.33
(8.45)
0.01
(0.25)
0.6 (15.0)
Seating
Plane
0.04
(1.1)
0.5 (12.7)
0.04 (1.0)
Top View
0.1
(1.8)
0.1 (2.54)
0.64
(16.15)
0.73
(18.6)
0.54
(13.7)
0.60 (15.24)
0.10
(2.54)
0.06
(1.6)
0.10
(2.45)
0.54
(13.7)
0.68
(17.2)
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.01 lbs (4.5 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
6
No Connection
Common
7
No Connection
-Vout
8
+Vout
+Vout
9
-Vout
Common
14
+Vin
+Vin
Mechanical Details
Application Notes
-40
0
Ambient Temperature (°C)
100
95
75
Derating Curve
Connecting Pin Pattern
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB
IEC60950-1
ITE
UL
UL/cUL60950-1
ITE


Similar Part No. - ISB0124S05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
   Ultrathin Miniature Package 4-channel N-channel MOSFET Array
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
   Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
ISB-E48-0 SANYO-ISB-E48-0 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
ISB-E48-1 SANYO-ISB-E48-1 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
logo
Isahaya Electronics Cor...
ISB1035AS1 ISAHAYA-ISB1035AS1 Datasheet
219Kb / 3P
   FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - ISB0124S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com