Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1305ECM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1305ECM
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1305ECM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1305ECM Datasheet HTML 1Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 2Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1305ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1304/MAX1305/MAX1306,
all channels selected
1.3
2.6
MAX1308/MAX1309/MAX1310,
all channels selected
1.3
2.6
Digital Supply Current
(CLOAD = 100pF) (Note 7)
IDVDD
MAX1312/MAX1313/MAX1314,
all channels selected
1.3
2.6
mA
IAVDD
SHDN = DVDD, VCH = float
0.6
10
Shutdown Current
(Note 8)
IDVDD
SHDN = DVDD, RD = WR = high
0.02
1
µA
Power-Supply Rejection Ratio
PSRR
AVDD = +4.75V to +5.25V
50
dB
TIMING CHARACTERISTICS (Figure 1)
Internal clock, Figure 7
800
900
ns
Time to First Conversion Result
tCONV
External clock, Figure 8
12
CLK
Cycles
Internal clock, Figure 7
200
225
ns
Time to Subsequent Conversions
tNEXT
External clock, Figure 8
3
CLK
Cycles
CONVST Pulse-Width Low
(Acquisition Time)
tACQ
(Note 9) Figures 6–10
0.1
1000.0
µs
CS Pulse Width
tCS
Figure 6
30
ns
RD Pulse-Width Low
tRDL
Figures 7, 8, 9
30
ns
RD Pulse-Width High
tRDH
Figures 7, 8, 9
30
ns
WR Pulse-Width Low
tWRL
Figure 6
30
ns
CS to WR
tCTW
Figure 6
(Note 10)
ns
WR to CS
tWTC
Figure 6
(Note 10)
ns
CS to RD
tCTR
Figures 7, 8, 9
(Note 10)
ns
RD to CS
tRTC
Figures 7, 8, 9
(Note 10)
ns
Data Access Time
(RD Low to Valid Data)
tACC
Figures 7, 8, 9
30
ns
Bus Relinquish Time (RD High)
tREQ
Figures 7, 8, 9
5
30
ns
CLK Rise to EOC Delay
tEOCD
Figure 8
20
ns
CLK Rise to EOLC Fall Delay
tEOLCD
Figure 8
20
ns
CONVST Fall to EOLC Rise Delay
tCVEOLCD Figures 7, 8, 9
20
ns
Internal clock, Figure 7
50
ns
EOC Pulse Width
tEOC
External clock, Figure 8
1
CLK
Cycle
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo-
lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.)


Similar Part No. - MAX1305ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1305ECM MAXIM-MAX1305ECM Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1305ECM++ MAXIM-MAX1305ECM+ Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1305ECM++ MAXIM-MAX1305ECM+ Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
More results

Similar Description - MAX1305ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com