Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2080S Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST2080S
Description  High frequency operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST2080S Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST2080S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2080S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2080S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2080S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1581, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST2080S
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
VF1
@ 10A, Pulse, TJ = 25 °C
@ 20A, Pulse, TJ = 25 °C
0.50
0.62
-
0.70
V
Forward Voltage Drop*
VF2
@ 10A, Pulse, TJ = 125 °C
@ 20A, Pulse, TJ = 125 °C
0.44
0.58
-
0.65
V
Reverse Current
IR1
@VR = rated VR
TJ = 25 °C
25
300
μA
Reverse Current *
IR2
@VR = rated VR
TJ = 125 °C
30
75
mA
Voltage Rate of Change
dv/dt
-
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to
Ambient
RθJA
DC operation
72(Note1)
30(Note2)
°C/W
Approximate Weight
wt
-
0.08
g
Case Style
TO-277B
NOTE: 1. FR-4 PCB, 2 oz Copper. Minimum recommended pad layout
2. Polymide PCB, 2 oz Copper. Cathode pad dimensions 18.8x14.4mm , Anode pad dimensions 5.6x14.4mm


Similar Part No. - ST2080S

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ST2080S SMCDIODE-ST2080S Datasheet
305Kb / 5P
   SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - ST2080S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
   High frequency operation
Revision: 19-Mar-15
logo
Littelfuse
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com