Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1310 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1310
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1310 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1310 Datasheet HTML 1Page - Maxim Integrated Products MAX1310 Datasheet HTML 2Page - Maxim Integrated Products MAX1310 Datasheet HTML 3Page - Maxim Integrated Products MAX1310 Datasheet HTML 4Page - Maxim Integrated Products MAX1310 Datasheet HTML 5Page - Maxim Integrated Products MAX1310 Datasheet HTML 6Page - Maxim Integrated Products MAX1310 Datasheet HTML 7Page - Maxim Integrated Products MAX1310 Datasheet HTML 8Page - Maxim Integrated Products MAX1310 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTERNAL REFERENCE (REF and REFMS are externally driven)
REF Input Voltage Range
VREF
2.0
2.5
3.0
V
REF Input Resistance
RREF
(Note 5)
5
k
REF Input Capacitance
15
pF
REFMS Input Voltage Range
VREFMS
2.0
2.5
3.0
V
REFMS Input Resistance
RREFMS
(Note 6)
5
k
REFMS Input Capacitance
15
pF
REF+ Output Voltage
VREF+
VREF = +2.5V
3.850
V
COM Output Voltage
VCOM
VREF = +2.5V
2.600
V
REF- Output Voltage
VREF-
VREF = +2.5V
1.350
V
Differential Reference Voltage
VREF+ -
VREF-
VREF = +2.5V
2.500
V
DIGITAL INPUTS (D0–D7,
RD, WR, CS, CLK, SHDN, CHSHDN, CONVST)
Input-Voltage High
VIH
0.7 x DVDD
V
Input-Voltage Low
VIL
0.3 x DVDD
V
Input Hysteresis
20
mV
Input Capacitance
CIN
15
pF
Input Current
IIN
VIN = 0 or DVDD
0.02
±1
µA
CLOCK-SELECT INPUT (INTCLK/
EXTCLK)
Input-Voltage High
VIH
0.7 x AVDD
V
Input-Voltage Low
VIL
0.3 x AVDD
V
DIGITAL OUTPUTS (D0–D11,
EOC, EOLC)
Output-Voltage High
VOH
ISOURCE = 0.8mA, Figure 1
DVDD - 0.6
V
Output-Voltage Low
VOL
ISINK = 1.6mA, Figure 1
0.4
V
D0–D11 Tri-State Leakage Current
RD = high or CS = high
0.06
1µA
D0–D11 Tri-State Output
Capacitance
RD = high or CS = high
15
pF
POWER SUPPLIES
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
MAX1304/MAX1305/MAX1306,
all channels selected
55
60
MAX1308/MAX1309/MAX1310,
all channels selected
54
60
Analog Supply Current
IAVDD
MAX1312/MAX1313/MAX1314,
all channels selected
54
60
mA
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo-
lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.)


Similar Part No. - MAX1310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1310 MAXIM-MAX1310 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13101EETL++ MAXIM-MAX13101EETL+ Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13101EEWX++ MAXIM-MAX13101EEWX+ Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13102E MAXIM-MAX13102E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
More results

Similar Description - MAX1310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com