Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2595S-12 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595S-12
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595S-12 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2595S-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2595S-12 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM2595 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage (3.3V, 5V or 12V)
V
IN(max) = Maximum DC Input Voltage
I
LOAD(max) = Maximum Load Current
Given:
V
OUT = 5V
V
IN(max) = 12V
I
LOAD(max) = 1A
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from
Fig-
ure 4 , Figure 5,or Figure 6. (Output voltages of 3.3V, 5V, or
12V respectively.) For all other voltages, see the design pro-
cedure for the adjustable version.
B. From the inductor value selection guide, identify the induc-
tance region intersected by the Maximum Input Voltage line
and the Maximum Load Current line. Each region is identified
by an inductance value and an inductor code (LXX).
C. Select an appropriate inductor from the four manufactur-
er’s part numbers listed in
Figure 8.
1. Inductor Selection (L1)
A. Use the inductor selection guide for the 5V version shown
in
Figure 5.
B. From the inductor value selection guide shown in
Figure 5,
the inductance region intersected by the 12V horizontal line
and the 1A vertical line is 68 µH, and the inductor code is
L30.
C. The inductance value required is 68 µH. From the table in
Figure 8, go to the L30 line and choose an inductor part num-
ber from any of the four manufacturers shown. (In most in-
stance, both through hole and surface mount inductors are
available.)
2. Output Capacitor Selection (C
OUT)
A. In the majority of applications, low ESR (Equivalent Series
Resistance) electrolytic capacitors between 47 µF and 330
µF and low ESR solid tantalum capacitors between 56 µF
and 270 µF provide the best results. This capacitor should be
located close to the IC using short capacitor leads and short
copper traces. Do not use capacitors larger than 330 µF.
For additional information, see section on output capaci-
tors in application information section.
B. To simplify the capacitor selection procedure, refer to the
quick design component selection table shown in
Figure 2.
This table contains different input voltages, output voltages,
and load currents, and lists various inductors and output ca-
pacitors that will provide the best design solutions.
C. The capacitor voltage rating for electrolytic capacitors
should be at least 1.5 times greater than the output voltage,
and often much higher voltage ratings are needed to satisfy
the low ESR requirements for low output ripple voltage.
D. For computer aided design software, see
Switchers
Made Simple® version 4.2 or later.
2. Output Capacitor Selection (C
OUT)
A. See section on output capacitors in application infor-
mation section.
B. From the quick design component selection table shown
in
Figure 2, locate the 5V output voltage section. In the load
current column, choose the load current line that is closest to
the current needed in your application, for this example, use
the 1A line. In the maximum input voltage column, select the
line that covers the input voltage needed in your application,
in this example, use the 15V line. Continuing on this line are
recommended inductors and capacitors that will provide the
best overall performance.
The capacitor list contains both through hole electrolytic and
surface mount tantalum capacitors from four different capaci-
tor manufacturers. It is recommended that both the manufac-
turers and the manufacturer’s series that are listed in the
table be used.
In this example aluminum electrolytic capacitors from several
different manufacturers are available with the range of ESR
numbers needed.
220 µF
25V
Panasonic HFQ Series
220 µF
25V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or
more is needed. But, in this example, even a low ESR,
switching grade, 220 µF 10V aluminum electrolytic capacitor
would exhibit approximately 225 m
Ω of ESR (see the curve
in
Figure 14 for the ESR vs voltage rating). This amount of
ESR would result in relatively high output ripple voltage. To
reduce the ripple to 1% of the output voltage, or less, a ca-
pacitor with a higher voltage rating (lower ESR) should be se-
lected. A 16V or 25V capacitor will reduce the ripple voltage
by approximately half.
Procedure continued on next page.
Example continued on next page.
www.national.com
9


Similar Part No. - LM2595S-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595S-12 TI1-LM2595S-12 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-12 TI1-LM2595S-12 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-12 TI1-LM2595S-12 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595S-12 UMW-LM2595S-12 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595S-12/NOPB TI1-LM2595S-12/NOPB Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results

Similar Description - LM2595S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com