Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T18CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SM4T18CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM4T18CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SM4T18CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM4T18CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM4T18CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM4T18CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
1.0
1.0
1.0
1.0
1.0
70.4
66.4
73.8
90.2
1.0
118
3.6
77.9
86.1
1.0
113
3.7
5.0
73.7
81.9
100
131
3.2
5.0
77.8
86.5
95.5
125
3.4
5.0
81.0
90.0
110
144
2.9
5.0
85.5
95.0
105
137
3.1
5.0
89.2
99.0
121
158
2.7
5.0
94.0
105
116
1.0
152
2.8
5.0
97.2
108
132
1.0
173
2.4
5.0
102
114
126
1.0
165
2.5
5.0
105
117
143
1.0
187
2.2
5.0
111
124
137
1.0
179
2.3
5.0
121
135
165
1.0
215
2.0
5.0
128
143
158
1.0
207
2.0
5.0
130
144
176
1.0
230
1.8
5.0
136
152
168
1.0
219
1.9
5.0
138
153
187
1.0
244
1.7
5.0
145
162
179
1.0
234
1.8
5.0
146
162
198
1.0
258
1.6
5.0
154
171
189
1.0
246
1.7
5.0
162
180
220
1.0
287
1.5
5.0
171
190
210
1.0
274
1.53
5.0
175
198
242
1.0
344
1.16
5.0
185
209
231
1.0
328
1.22
5.0
202
225
275
1.0
360
1.1
5.0
214
237
263
1.0
344
1.16
5.0
243
270
330
1.0
430
0.93
5.0
256
285
315
1.0
414
0.97
5.0
284
315
385
1.0
504
0.79
5.0
300
333
368
1.0
482
0.83
5.0
324
360
440
1.0
574
0.70
5.0
342
380
420
1.0
548
0.73
356
396
484
1.0
631
0.63
5.0
376
418
462
1.0
602
0.65
5.0
TYPE
1.0
1.0
60.7
58.1
55.1
53.0
50.2
47.8
45.4
50.4
61.6
1.0
80.5
5.2
5.0
53.2
58.8
1.0
77.0
5.5
5.0
55.8
68.2
1.0
89.0
4.7
5.0
58.9
65.1
1.0
85.0
5.0
5.0
61.2
74.8
1.0
98.0
4.3
5.0
64.6
71.4
1.0
92.0
4.6
5.0
67.5
82.5
108
3.9
5.0
64.1
71.3
78.8
103
4.1
5.0
SM4T68A
SM4T68CA
SM4T82A
SM4T82CA
SM4T130
SM4T130C
SM4T170
SM4T170C
SM4T170A
SM4T170CA
SM4T180A
SM4T180CA
SM4T200
SM4T200C
SM4T200A
SM4T200CA
SM4T300
SM4T300C
RWM
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
(Uni)
(Bi)
RWM
Reverse
Stand-Off
Voltage
V
(V)
5.0
5.0
www.sunmate.tw
SM4T56
SM4T56C
SM4T56A
SM4T56CA
SM4T62
SM4T62C
SM4T62A
SM4T62CA
SM4T68
SM4T68C
SM4T75
SM4T75C
SM4T75A
SM4T75CA
SM4T82
SM4T82C
SM4T91
SM4T91C
SM4T91A
SM4T91CA
SM4T100
SM4T100C
SM4T100A
SM4T100CA
SM4T110
SM4T110C
SM4T110A
SM4T110CA
SM4T120
SM4T120C
SM4T120A
SM4T120CA
SM4T130A
SM4T130CA
SM4T150
SM4T150C
SM4T150A
SM4T150CA
SM4T160
SM4T160C
SM4T160A
SM4T160CA
SM4T180
SM4T180C
SM4T220
SM4T220C
SM4T220A
SM4T220CA
SM4T250
SM4T250C
SM4T250A
SM4T250CA
SM4T300A
SM4T300CA
SM4T350
SM4T350C
SM4T350A
SM4T350CA
SM4T400
SM4T400C
SM4T400A
SM4T400CA
SM4T440
SM4T440C
SM4T440A
SM4T440CA


Similar Part No. - SM4T18CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T18CA STMICROELECTRONICS-SM4T18CA Datasheet
126Kb / 7P
   TRANSIL
logo
SUNMATE electronic Co.,...
SM4T18CA SUNMATE-SM4T18CA Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
STMicroelectronics
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

Similar Description - SM4T18CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com