Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N65WR5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKW40N65WR5
Description  Reverse conducting IGBT with monolithic body diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N65WR5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKW40N65WR5_16 Datasheet HTML 7Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 8Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 9Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 10Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 11Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 12Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 13Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 14Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
IKW40N65WR5
ReverseConductionSeries
Rev.2.1,2015-12-10
Figure 17.
IGBTtransientthermalimpedanceasa
functionofpulsewidth
(D=tp/T)
tp,PULSEWIDTH[s]
1E-6
1E-5
1E-4
0.001
0.01
0.1
0.001
0.01
0.1
1
D = 0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
0.1900805
2.4E-4
2
0.2281325
3.0E-3
3
0.2083299
0.01446956
4
6.5E-3
0.2121156
Figure 18.
Diodetransientthermalimpedanceasa
functionofpulsewidth
(D=tp/T)
tp,PULSEWIDTH[s]
1E-7
1E-6
1E-5
1E-4
0.001
0.01
0.1
0.001
0.01
0.1
1
D = 0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
1.668204
2.0E-4
2
0.7015919
1.0E-3
3
0.370506
6.3E-3
4
0.1086465
0.02172364
5
6.5E-3
0.235345
6
1.5E-3
2.062145
Figure 19.
Typicalreverserecoverytimeasafunction
ofdiodecurrentslope
(VR=400V)
dIF/dt,DIODECURRENTSLOPE[A/µs]
500
600
700
800
900
1000
1100
0
25
50
75
100
125
150
175
200
225
250
Tvj=25°C,IF=20A
Tvj=175°C,IF=20A
Figure 20.
Typicalreverserecoverychargeasa
functionofdiodecurrentslope
(VR=400V)
dIF/dt,DIODECURRENTSLOPE[A/µs]
500
600
700
800
900
1000
1100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Tvj=25°C,IF=20A
Tvj=175°C,IF=20A


Similar Part No. - IKW40N65WR5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
More results

Similar Description - IKW40N65WR5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com