Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW25N120H3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKW25N120H3
Description  1200V high speed switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW25N120H3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKW25N120H3 Datasheet HTML 2Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 3Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 4Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 5Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 6Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 7Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 8Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 9Page - Infineon Technologies AG IKW25N120H3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IKW25N120H3
Highspeedswitchingseriesthirdgeneration
Rev.2.1,2014-12-01
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=25°C
Turn-on delay time
td(on)
-
27
-
ns
Rise time
tr
-
41
-
ns
Turn-off delay time
td(off)
-
277
-
ns
Fall time
tf
-
17
-
ns
Turn-on energy
Eon
-
1.80
-
mJ
Turn-off energy
Eoff
-
0.85
-
mJ
Total switching energy
Ets
-
2.65
-
mJ
Tvj=25°C,
VCC=600V,IC=25.0A,
VGE=0.0/15.0V,
RG(on)=23.0
Ω,RG(off)=23.0Ω,
L
σ=80nH,Cσ=67pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
290
-
ns
Diode reverse recovery charge
Qrr
-
1.20
-
µC
Diode peak reverse recovery current
Irrm
-
10.4
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-150
-
A/µs
Tvj=25°C,
VR=600V,
IF=25.0A,
diF/dt=500A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=175°C
Turn-on delay time
td(on)
-
26
-
ns
Rise time
tr
-
35
-
ns
Turn-off delay time
td(off)
-
347
-
ns
Fall time
tf
-
50
-
ns
Turn-on energy
Eon
-
2.60
-
mJ
Turn-off energy
Eoff
-
1.70
-
mJ
Total switching energy
Ets
-
4.30
-
mJ
Tvj=175°C,
VCC=600V,IC=25.0A,
VGE=0.0/15.0V,
RG(on)=23.0
Ω,RG(off)=23.0Ω,
L
σ=80nH,Cσ=67pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=175°C
Diode reverse recovery time
trr
-
505
-
ns
Diode reverse recovery charge
Qrr
-
2.75
-
µC
Diode peak reverse recovery current
Irrm
-
12.8
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-85
-
A/µs
Tvj=175°C,
VR=600V,
IF=25.0A,
diF/dt=500A/µs


Similar Part No. - IKW25N120H3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IKW25N120H3 ISC-IKW25N120H3 Datasheet
850Kb / 8P
   Trench and Field-Stop IGBT
2023-8-15
More results

Similar Description - IKW25N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120H3 INFINEON-IKW40N120H3 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-11-26
IGW40N120H3 INFINEON-IGW40N120H3 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.2,2014-11-26
IGW15N120H3 INFINEON-IGW15N120H3_14 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IKW15N120H3 INFINEON-IKW15N120H3_14 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
IGP20N60H3 INFINEON-IGP20N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.4,2014-03-12
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.2,2014-03-12
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com