Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW15N120H3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKW15N120H3
Description  1200V high speed switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW15N120H3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKW15N120H3 Datasheet HTML 1Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 2Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 3Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 4Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 5Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 6Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 7Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 8Page - Infineon Technologies AG IKW15N120H3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IGBT
HighspeedDuoPack:IGBTinTrenchandFieldstoptechnologywithsoft,fastrecovery
anti-paralleldiode
IKW15N120H3
1200Vhighspeedswitchingseriesthirdgeneration
Datasheet
IndustrialPowerControl


Similar Part No. - IKW15N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW15N120H3 INFINEON-IKW15N120H3 Datasheet
833Kb / 14P
   High speed Duopack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
2010-02-10 revision:1.2
More results

Similar Description - IKW15N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120H3 INFINEON-IKW40N120H3 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-11-26
IKW25N120H3 INFINEON-IKW25N120H3 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IGW40N120H3 INFINEON-IGW40N120H3 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.2,2014-11-26
IGW15N120H3 INFINEON-IGW15N120H3_14 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
IGP20N60H3 INFINEON-IGP20N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.4,2014-03-12
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.2,2014-03-12
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com