Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP15N65H5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKP15N65H5
Description  650V DuoPack IGBT and Diode High speed switching series fifth generation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP15N65H5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKP15N65H5_15 Datasheet HTML 1Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 2Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 3Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 4Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 5Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 6Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 7Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 8Page - Infineon Technologies AG IKP15N65H5_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
IKP15N65H5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2015-05-05
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,IC=0.20mA
650
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15.0V,IC=15.0A
Tvj=25°C
Tvj=125°C
Tvj=175°C
-
-
-
1.65
1.85
1.95
2.10
-
-
V
Diode forward voltage
VF
VGE=0V,IF=9.0A
Tvj=25°C
Tvj=125°C
Tvj=175°C
-
-
-
1.45
1.40
1.40
1.80
-
-
V
Gate-emitter threshold voltage
VGE(th)
IC=0.15mA,VCE=VGE
3.2
4.0
4.8
V
Zero gate voltage collector current
ICES
VCE=650V,VGE=0V
Tvj=25°C
Tvj=175°C
-
-
-
-
40.0
4000.0
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V,IC=15.0A
-
22.0
-
S
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Input capacitance
Cies
-
930
-
Output capacitance
Coes
-
24
-
Reverse transfer capacitance
Cres
-
4
-
VCE=25V,VGE=0V,f=1MHz
pF
Gate charge
QG
VCC=520V,IC=15.0A,
VGE=15V
-
38.0
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from
case
LE
-
7.0
-
nH
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=25°C
Turn-on delay time
td(on)
-
17
-
ns
Rise time
tr
-
7
-
ns
Turn-off delay time
td(off)
-
160
-
ns
Fall time
tf
-
10
-
ns
Turn-on energy
Eon
-
0.12
-
mJ
Turn-off energy
Eoff
-
0.05
-
mJ
Total switching energy
Ets
-
0.17
-
mJ
Tvj=25°C,
VCC=400V,IC=7.5A,
VGE=0.0/15.0V,
RG(on)=39.0
Ω,RG(off)=39.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.


Similar Part No. - IKP15N65H5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP15N65H5 INFINEON-IKP15N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results

Similar Description - IKP15N65H5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65F5 INFINEON-IKA15N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKW50N65F5 INFINEON-IKW50N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com