Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N65H5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKW40N65H5
Description  650V DuoPack IGBT and diode High speed switching series fifth generation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N65H5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKW40N65H5 Datasheet HTML 1Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 2Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 3Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 4Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 5Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 6Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 7Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 8Page - Infineon Technologies AG IKW40N65H5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
IKP40N65H5,IKW40N65H5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2015-05-06
Highspeed5IGBTinTRENCHSTOPTM5technologycopackedwithRAPID1
fastandsoftantiparalleldiode

FeaturesandBenefits:
HighspeedH5technologyoffering
•Best-in-Classefficiencyinhardswitchingandresonant
topologies
•PlugandplayreplacementofpreviousgenerationIGBTs
•650Vbreakdownvoltage
•LowgatechargeQG
•IGBTcopackedwithRAPID1fastandsoftantiparalleldiode
•Maximumjunctiontemperature175°C
•QualifiedaccordingtoJEDECfortargetapplications
•Pb-freeleadplating;RoHScompliant
•CompleteproductspectrumandPSpiceModels:
http://www.infineon.com/igbt/
Applications:
•Solarconverters
•Uninterruptiblepowersupplies
•Weldingconverters
•Midtohighrangeswitchingfrequencyconverters
Packagepindefinition:
•Pin1-gate
•Pin2&backside-collector
•Pin3-emitter
G
C
E
1
2
3
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IKP40N65H5
650V
40A
1.65V
175°C
K40EH5
PG-TO220-3
IKW40N65H5
650V
40A
1.65V
175°C
K40EH5
PG-TO247-3


Similar Part No. - IKW40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65H5 INFINEON-IKW40N65H5 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
More results

Similar Description - IKW40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65F5 INFINEON-IKA15N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKW50N65F5 INFINEON-IKW50N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com