Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2619 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619
Description  500mA Sub-Miniature Step-Down DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2619 Datasheet HTML 5Page - National Semiconductor (TI) LM2619 Datasheet HTML 6Page - National Semiconductor (TI) LM2619 Datasheet HTML 7Page - National Semiconductor (TI) LM2619 Datasheet HTML 8Page - National Semiconductor (TI) LM2619 Datasheet HTML 9Page - National Semiconductor (TI) LM2619 Datasheet HTML 10Page - National Semiconductor (TI) LM2619 Datasheet HTML 11Page - National Semiconductor (TI) LM2619 Datasheet HTML 12Page - National Semiconductor (TI) LM2619 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Device Information (Continued)
PWM OPERATION
While in PWM (Pulse Width Modulation) mode, the output
voltage is regulated by switching at a constant frequency
and then modulating the energy per cycle to control power to
the load. Energy per cycle is set by modulating the PFET
switch on-time pulse-width to control the peak inductor cur-
rent. This is done by comparing the signal from the
current-sense amplifier with a slope compensated error sig-
nal from the voltage-feedback error amplifier. At the begin-
ning of each cycle, the clock turns on the PFET switch,
causing the inductor current to ramp up. When the current
sense signal ramps past the error amplifier signal, the PWM
comparator turns off the PFET switch and turns on the NFET
synchronous rectifier, ending the first part of the cycle. If an
increase in load pulls the output voltage down, the error
amplifier output increases, which allows the inductor current
to ramp higher before the comparator turns off the PFET.
This increases the average current sent to the output and
adjusts for the increase in the load.
Before going to the PWM comparator, the error signal is
summed with a slope compensation ramp from the oscillator
for stability of the current feedback loop. During the second
part of the cycle, a zero crossing detector turns off the NFET
synchronous rectifier if the inductor current ramps to zero.
The minimum on time of the PFET in PWM mode is about
200ns.
20057407
FIGURE 5. Simplified Functional Diagram
PWM Mode Switching Waveform
20057425
A: Inductor Current, 500mA/div
B: SW Pin, 2V/div
C: VOUT, 10mV/div, AC Coupled
FIGURE 6.
www.national.com
9


Similar Part No. - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619 Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619ATL/NOPB TI1-LM2619ATL/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATLX NSC-LM2619ATLX Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619_15 Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
   500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com