Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74406032220 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74406032220
Description  Rated Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74406032220 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74406032220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406032220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406032220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406032220 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406032220 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
3,8 ± 0,2
q
Scale - 8:1
Marking
220 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
2,8 ref.
Scale - 8:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 1 V
L
22
µH
±20%
Rated Current
ΔT = 40 K
IR
0.66
A
max.
Saturation Current
|ΔL/L| < 35 %
ISAT
0.46
A
typ.
DC Resistance
@ 20 °C
RDC
401
mΩ
typ.
DC Resistance
@ 20 °C
RDC
481
mΩ
max.
Self Resonant Frequency
fres
37
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQFS SMD Semishielded Tiny
Power Inductor
ORDER CODE
74406032220
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
3818
001.000
Valid
2015-11-10
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74406032220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
   Storage Temperature
74406032015 WURTH-74406032015 Datasheet
324Kb / 5P
   Saturation Current
74406032033 WURTH-74406032033 Datasheet
324Kb / 5P
   Inductance
74406032047 WURTH-74406032047 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
   Self Resonant Frequency
More results

Similar Description - 74406032220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
   Rated Current
744835021220 WURTH-744835021220 Datasheet
444Kb / 5P
   Rated Current
744835050135 WURTH-744835050135 Datasheet
454Kb / 5P
   Rated Current
744839029220 WURTH-744839029220 Datasheet
443Kb / 5P
   Rated Current
logo
Murata Manufacturing Co...
BNX022-01 MURATA1-BNX022-01_V01 Datasheet
371Kb / 4P
   Large rated current (20A)
08/24/2022
BNX028-01 MURATA1-BNX028-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
BNX029-01 MURATA1-BNX029-01_V01 Datasheet
317Kb / 4P
   Large rated current (20A)
08/24/2022
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
   Rated current : 5A max
logo
Murata Manufacturing Co...
BNX023-01 MURATA1-BNX023-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
logo
WAGO Kontakttechnik Gmb...
855-305-100-209 WAGO-855-305-100-209 Datasheet
597Kb / 5P
   Plug-in current transformer; Primary rated current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com