Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150066M173000 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150066M173000
Description  WL-SFCW SMD full-color Chip LED Waterclear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150066M173000 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150066M173000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M173000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WL-SFCW of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the component surface, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the LED body, pins or termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the LED body, pins or
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Washing varnish agent that is used during the production to clean the customer application might damage or change the characteristics of
the LED body, pins or termination. The washing varnish agent could have a negative effect on the long term function of the product.
Direct mechanical impact to the product shall be prevented as the material of the LED body, pins or termination could flake or in the worst
case it could break.
The standard deliveries include values in the range and limitation as defined in the Electrical & Optical Properties specified in the datasheet.
On each reel, only one bin is sorted and taped. The bin is defined on intensity, chromaticity coordinate or wavelength and forward voltage. In
order to ensure highest availability, the reel binning of standard deliveries can vary. A single bin cannot be ordered. Please contact us in
advance, if you need a particular bin sorting before placing your order to clarify the lead time, MOQ and pricing.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow/ or wave soldering specification, otherwise this will void
the warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty.
• It is also recommended to return the LEDs to the original moisture proof bag and reseal the moisture proof bag again.
• Certain LED surfaces consist of soft material. Pressure on the top surface has to be handeled carefully to prevent negative influence to
the function and reliability of the LEDs.
• ESD prevention methods need to be applicated for manual handling and processing by machinery.
• Resistors for protection are obligatory.
Luminaires in operation could harm human vision or skin on a photo-biological level, therefore direct light impact has to be avoided. All
products are additionally certified as risk groups 0 to 2 according to DIN EN 62471:2008
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SFCW SMD full-color Chip LED
Waterclear
ORDER CODE
150066M173000
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0606
001.000
Valid
2016-08-11
eiPal
6/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150066M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066M173000 WURTH-150066M173000 Datasheet
609Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150066M173000 WURTH-150066M173000_17 Datasheet
609Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
More results

Similar Description - 150066M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066M173000 WURTH-150066M173000_17 Datasheet
609Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150121M173000 WURTH-150121M173000 Datasheet
611Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150080M173000 WURTH-150080M173000 Datasheet
606Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150120M173000 WURTH-150120M173000 Datasheet
892Kb / 8P
   WL-SFCW SMT Full-color Chip LED Waterclear
001.001
150120M183000 WURTH-150120M183000 Datasheet
1Mb / 9P
   WL-SFCW SMT Full-color Chip LED Waterclear
001.001
150141M173100 WURTH-150141M173100 Datasheet
2Mb / 9P
   WL-SFTW SMD TOP LED full-color waterclear
150505M173300 WURTH-150505M173300 Datasheet
691Kb / 8P
   WL-SFTW SMD Full-color TOP LED Waterclear
150352M173300 WURTH-150352M173300 Datasheet
723Kb / 8P
   WL-SFTW SMD Full-color TOP LED Waterclear
150066YV74000 WURTH-150066YV74000 Datasheet
718Kb / 8P
   WL-SBCW SMD Bi-color Chip LED Waterclear
150066SV74000 WURTH-150066SV74000_17 Datasheet
629Kb / 7P
   WL-SBCW SMD Bi-color Chip LED Waterclear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com