Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5V6ALT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBZ5V6ALT1
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5V6ALT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MMBZ5V6ALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ5V6ALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMBZ5V6ALT1 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.1
1
10
100
1000
1
10
100
Power is defined as VRSM x IZ(pk) where VRSM is
the clamping voltage at IZ(pk).
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25°C
BIDIRECTIONAL
MMBZ5V6ALT1
Figure 5. Pulse Waveform
100
50
0
01
2
3
4
t, TIME (ms)
Figure 6. Pulse Derating Curve
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO
50% OF IPP.
HALF VALUE −
IPP
2
tP
tr ≤ 10 ms
PEAK VALUE − IPP
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 7. Maximum Non−repetitive Surge
Power, Ppk versus PW
Figure 8. Maximum Non−repetitive Surge
Power, Ppk(NOM) versus PW
0.1
1
10
100
1000
1
10
100
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25°C
BIDIRECTIONAL
MMBZ5V6ALT1
Power is defined as VZ(NOM) x IZ(pk) where
VZ(NOM) is the nominal Zener voltage measured at
the low test current used for voltage classification.


Similar Part No. - MMBZ5V6ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1 Datasheet
129Kb / 6P
   SOT-23 COMMON ANODE DUAL ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 24 & 40 WATTS PEAK POWER
logo
ON Semiconductor
MMBZ5V6ALT1G ONSEMI-MMBZ5V6ALT1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ5V6ALT1G ONSEMI-MMBZ5V6ALT1G Datasheet
148Kb / 8P
   Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
logo
Guangdong Youtai Semico...
MMBZ5V6ALT1G UMW-MMBZ5V6ALT1G Datasheet
546Kb / 5P
   Common Anode Zeners for ESD Protection
logo
Motorola, Inc
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1_07 Datasheet
274Kb / 27P
   SOT-23 Dual Monolithic Common Anode Zener Transient Voltage Suppressor For ESD Protection
More results

Similar Description - MMBZ5V6ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com