Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WBD3125USG Datasheet(PDF) 4 Page - ON Semiconductor

Part # 7WBD3125USG
Description  2-Bit Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3125USG Datasheet(HTML) 4 Page - ON Semiconductor

  7WBD3125USG Datasheet HTML 1Page - ON Semiconductor 7WBD3125USG Datasheet HTML 2Page - ON Semiconductor 7WBD3125USG Datasheet HTML 3Page - ON Semiconductor 7WBD3125USG Datasheet HTML 4Page - ON Semiconductor 7WBD3125USG Datasheet HTML 5Page - ON Semiconductor 7WBD3125USG Datasheet HTML 6Page - ON Semiconductor 7WBD3125USG Datasheet HTML 7Page - ON Semiconductor 7WBD3125USG Datasheet HTML 8Page - ON Semiconductor 7WBD3125USG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7WBD3125
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
VIK
Clamp Diode Voltage
II/O = −18 mA
4.5
−1.2
−1.2
V
VIH
High−Level Input Voltage
(Control)
4.0 to
5.5
2.0
2.0
V
VIL
Low−Level Input Voltage
(Control)
4.0 to
5.5
0.8
0.8
V
VOH
Output Voltage High
See Figure 5
IIN
Input Leakage Current
0
v VIN v 5.5 V
5.5
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VI/O = 0 to 5.5 V
0
±0.1
±1.0
mA
ICC
Quiescent Supply Current
IO = 0,
VIN = VCC or 0 V
OE1 = OE2 = GND
OE1 = OE2 = VCC
5.5
±1.0
±0.1
±1.0
±1.0
mA
mA
DICC
Increase in Supply Current
(Control Pin)
One input at 3.4 V;
Other inputs at VCC
or GND
5.5
2.5
mA
RON
Switch ON Resistance
VI/O = 0,
II/O = 64 mA
II/O = 30 mA
4.5
3
3
7
7
7
7
W
VI/O = 2.4,
II/O = 15 mA
15
50
50
VI/O = 2.4,
II/O = 15 mA
4.0
50
70
70
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
VCC
(V)
TA = 25 5C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay, Bus to Bus
See Figure 6
4.0 to
5.5
0.25
0.25
ns
tEN
Output Enable Time
See Figure 6
4.5 to
5.5
0.8
2.5
4.2
0.8
4.2
ns
4.0
0.8
3.0
4.6
0.8
4.6
tDIS
Output Disable Time
4.5 to
5.5
0.8
3.0
4.8
0.8
4.8
ns
4.0
0.8
2.9
4.4
0.8
4.4
CIN
Control Input Capacitance
VIN = 5 or 0 V
5.0
2.5
pF
CIO(ON)
Switch On Capacitance
Switch ON
5.0
10
pF
CIO(OFF)
Switch Off Capacitance
Switch OFF
5.0
5
pF


Similar Part No. - 7WBD3125USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3125USG ONSEMI-7WBD3125USG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results

Similar Description - 7WBD3125USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com