Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C64BC4CTR Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT24C64BC4CTR
Description  64 Kb I2C CMOS Serial EEPROM 4-ball WLCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C64BC4CTR Datasheet(HTML) 3 Page - ON Semiconductor

  CAT24C64BC4CTR Datasheet HTML 1Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 2Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 3Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 4Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 5Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 6Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 7Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 8Page - ON Semiconductor CAT24C64BC4CTR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT24C64BC4, CAT24C64BAC4
www.onsemi.com
3
Table 5. A.C. CHARACTERISTICS (VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C) (Note 5)
Symbol
Parameter
Standard
Fast
Fast−Plus
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.45
ms
tHIGH
High Period of SCL Clock
4
0.6
0.35
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 6)
SDA and SCL Rise Time
1,000
300
100
ns
tF (Note 6)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.40
ms
tDH (Note 6)
Data Out Hold Time
100
100
50
ns
Ti (Note 6)
Noise Pulse Filtered at SCL
and SDA Inputs
50
50
50
ns
tWR
Write Cycle Time
4
4
4
ms
tPU (Notes 6, 7)
Power−up to Ready Mode
0.35
0.35
0.35
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Test conditions according to “A.C. Test Conditions” table.
6. Tested initially and after a design or process change that affects this parameter.
7. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. A.C. TEST CONDITIONS
Input Levels
VCC ≥ 2.2 V: 0.2 x VCC to 0.8 x VCC
VCC < 2.2 V: 0.15 x VCC to 0.85 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.3 x VCC, 0.7 x VCC
Output Load
Current Source: IOL = 3 mA (VCC ≥ 2.2 V); IOL = 1 mA (VCC < 2.2 V); CL = 100 pF


Similar Part No. - CAT24C64BC4CTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C64BC4CTR ONSEMI-CAT24C64BC4CTR Datasheet
175Kb / 11P
   EEPROM Serial 64-Kb I2C ina 4-ball WLCSP
May, 2018 ??Rev. 5
More results

Similar Description - CAT24C64BC4CTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32BAC4 ONSEMI-CAT24C32BAC4 Datasheet
81Kb / 8P
   32 Kb I2C CMOS Serial EEPROM 4-ball WLCSP
January, 2016 ??Rev. 2
CAT24C64BC4 ONSEMI-CAT24C64BC4_18 Datasheet
175Kb / 11P
   EEPROM Serial 64-Kb I2C ina 4-ball WLCSP
May, 2018 ??Rev. 5
CAT24C32BC4 ONSEMI-CAT24C32BC4_18 Datasheet
174Kb / 11P
   EEPROM Serial 32-Kb I2C ina 4-ball WLCSP
May, 2018 ??Rev. 3
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com