Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS37012DBRG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS37012DBRG
Description  Self Test Ground Fault Circuit Interrupter (GFCI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37012DBRG Datasheet(HTML) 3 Page - ON Semiconductor

  NCS37012DBRG Datasheet HTML 1Page - ON Semiconductor NCS37012DBRG Datasheet HTML 2Page - ON Semiconductor NCS37012DBRG Datasheet HTML 3Page - ON Semiconductor NCS37012DBRG Datasheet HTML 4Page - ON Semiconductor NCS37012DBRG Datasheet HTML 5Page - ON Semiconductor NCS37012DBRG Datasheet HTML 6Page - ON Semiconductor NCS37012DBRG Datasheet HTML 7Page - ON Semiconductor NCS37012DBRG Datasheet HTML 8Page - ON Semiconductor NCS37012DBRG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCS37012
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION − QFN
Pin #
Name
Pad Description
0
Ground
QFN center slug
1
MLD
Mains Level Detect (Zero Cross)
2
CTresGN
Determines IV converter gain for detection threshold / matched to CT turns ratio (Ground-Neutral)
3
CTbias
Direct connection to the CT
4
CTstim
Direct connection to the CT
5
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
6
IDF
Front end noise filter capacitor
7
GFtest
Output to induce external differential current
8
TripEN
(H) Trip / (L) No Trip on Self Test Failure
9
PZ
Piezo output driver
10
NC
Tie to Ground or leave floating
11
PTT
Push to test input
12
TI
Tip indicator input
13
LED[0]
LED[0] output driver
14
LED[1]
LED[1] output driver
15
SCRdrv
Used to trigger the solenoid at a fault detection
16
Supply
Power supply
Table 2. PIN FUNCTION DESCRIPTION − TSSOP
Pin #
Name
Pad Description
1
CTstim
Differential and ground to neutral stimulus point for the current transformer
2
Ground
Ground connection for IC
3
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
4
IDF
Determines corner frequency of the differential current path filter
5
GFtest
Output to induce external differential current
6
TripEN
(H) Trip / (L) No Trip on Self Test Failure
7
PZ
Piezo output driver
8
NC
Tie to Ground or leave floating
9
PTT
Push to test input
10
TI
Tip indicator input
11
Ground
Ground connection for IC
12
LED[0]
LED[0] output driver
13
LED[1]
LED[1] output driver
14
SCRdrv
Used to trigger the solenoid at a fault detection
15
DVDD
Internal digital 5 V regulated supply
16
AVDD
Internal analog 5 V regulated supply
17
Supply
12 V shunt regulated power supply
18
MLD
Mains Level Detect (Zero Cross) and AM slope detect (for oscillator sync/trim and AM init)
19
CTresGN
Determines IV converter gain for detection threshold / matched to CT turns ratio (Ground-Neutral)
20
CTbias
External 2 V bias for the current transformer


Similar Part No. - NCS37012DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
More results

Similar Description - NCS37012DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
   Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
   Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
[Old version datasheet]   AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
logo
ON Semiconductor
NCS37000 ONSEMI-NCS37000 Datasheet
134Kb / 8P
   Ground Fault Circuit Interrupter (GFCI)
December, 2012 ??Rev. 0
NCS37010 ONSEMI-NCS37010_14 Datasheet
193Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FAN41501 FAIRCHILD-FAN41501 Datasheet
1Mb / 11P
   Ground Fault Interrupter Self-Test Digital Controller
logo
ON Semiconductor
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
   Ground Fault Interrupter Self-Test Digital Controller
June 2014
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com