Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8416-IS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8416-IS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-IS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8416-IS Datasheet HTML 6Page - Cirrus Logic CS8416-IS Datasheet HTML 7Page - Cirrus Logic CS8416-IS Datasheet HTML 8Page - Cirrus Logic CS8416-IS Datasheet HTML 9Page - Cirrus Logic CS8416-IS Datasheet HTML 10Page - Cirrus Logic CS8416-IS Datasheet HTML 11Page - Cirrus Logic CS8416-IS Datasheet HTML 12Page - Cirrus Logic CS8416-IS Datasheet HTML 13Page - Cirrus Logic CS8416-IS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CS8416
10
DS578PP2
2
TYPICAL CONNECTION DIAGRAMS
CS8416
A seperate analog supply is only necessary in applications where RMCK is used for a jitter
sensitive tast. For applications where RMCK is not used for a jitter sensitive task, connect
VA+ to VD+ via a ferrite bead. Keep decoupling capacitors between VA+ and AGND.
Please see section 5.1 "8:2 S/PDIF Input Multiplexer" and Appendix
A for typical input configurations and recommended input circuits.
*
**
FILT
DGND
AGND
**
***
For best jitter performance connect the filter ground directly to the AGND pin.
SeeTable2for PLLfiltervalues.
***
RXN
RXP0
RXP1
RXP2
RXP3
AES3 /
S/PDIF
Sources
Microcontroller
SCL / CCLK
SDA / CDOUT
OMCK
Clock Source
RST
AD1 / CDIN
GPO0
RMCK
Clock Control
Serial Audio
Input
Device
OLRCK
OSCLK
SDOUT
External
Interface
RXP4
RXP5
RXP6
RXP7
AD0 / CS
GPO1
AD2/GPO2
Rflt
Cflt
Crip
47K
10 F
µ
+3.3V to +5V
0.1 F
µ
1nF
+3.3V
Ferrite
Bead
+3.3V
Analog
Supply *
VA+ VD+
VL+
*
10 F
µ
0.1 F
µ
1nF
0.1 F
µ
1nF
VL+
VL+
Figure 5. Typical Connection Diagram - Software Mode


Similar Part No. - CS8416-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416-CNZ CIRRUS-CS8416-CNZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CNZR CIRRUS-CS8416-CNZR Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZ CIRRUS-CS8416-CSZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZR CIRRUS-CS8416-CSZR Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CZZ CIRRUS-CS8416-CZZ Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - CS8416-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com