Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP561 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP561
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP561 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP561 Datasheet HTML 1Page - ON Semiconductor NCP561 Datasheet HTML 2Page - ON Semiconductor NCP561 Datasheet HTML 3Page - ON Semiconductor NCP561 Datasheet HTML 4Page - ON Semiconductor NCP561 Datasheet HTML 5Page - ON Semiconductor NCP561 Datasheet HTML 6Page - ON Semiconductor NCP561 Datasheet HTML 7Page - ON Semiconductor NCP561 Datasheet HTML 8Page - ON Semiconductor NCP561 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP561
http://onsemi.com
5
TYPICAL CHARACTERISTICS
−250
−200
−150
−100
−50
0
0
50
100
150
0
200
400
600
800
1000
TIME (
ms)
−400
−200
0
200
400
40
50
60
Figure 8. Line Transient Response
Figure 9. Load Transient Response
IOUT = 10 mA
COUT = 1.0 mF
−250
−200
−150
−100
−50
0
0
50
100
150
0
200
400
600
800
1000
1200
TIME (
ms)
Figure 10. Load Transient Response
1200
VIN = 4.0 V
VOUT = 3.0 V
CIN = 1.0 mF
COUT = 10 mF
Tantalum
0
1
2
3
0
200
400
600
800
1000
TIME (
ms)
Figure 11. Turn−On Response
1200
CIN = 1.0 mF
COUT = 1.0 mF
IOUT = 10 mA
1400 1600
0
2
4
0
0.5
1.0
1.5
01
2
3
VIN, INPUT VOLTAGE (V)
Figure 12. Output Voltage vs. Input Voltage
45
6
2.0
2.5
3.0
3.5
CIN = 1.0 mF
COUT = 1.0 mF
TA = 25°C
VENABLE = VIN
VIN = 4.0 V
VOUT = 3.0 V
CIN = 1.0 mF
COUT = 10 mF
Al. Elec. Surface Mount
0
0.2
0.4
0.8
1.0
1.2 1.4
TIME (
ms)
0.6
1.6
1.8
2.0


Similar Part No. - NCP561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561 ONSEMI-NCP561 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5612 ONSEMI-NCP5612 Datasheet
102Kb / 11P
   High Efficiency Ultra Small Thinnest White LED Driver
August, 2006 ??Rev. 0
NCP5612MUTBG ONSEMI-NCP5612MUTBG Datasheet
102Kb / 11P
   High Efficiency Ultra Small Thinnest White LED Driver
August, 2006 ??Rev. 0
NCP561SN15T1 ONSEMI-NCP561SN15T1 Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561SN15T1G ONSEMI-NCP561SN15T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
More results

Similar Description - NCP561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com