Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74406042033 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74406042033
Description  Self Resonant Frequency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74406042033 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74406042033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQFS SMD Semishielded Tiny
Power Inductor
ORDER CODE
74406042033
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4818
001.000
Valid
2015-11-10
eiSos
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74406042033

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74406042010 WURTH-74406042010 Datasheet
324Kb / 5P
   Saturation Current
74406042015 WURTH-74406042015 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042022 WURTH-74406042022 Datasheet
324Kb / 5P
   Saturation Current
74406042047 WURTH-74406042047 Datasheet
324Kb / 5P
   Saturation Current
74406042068 WURTH-74406042068 Datasheet
324Kb / 5P
   Saturation Current
More results

Similar Description - 74406042033

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405020047 WURTH-74405020047 Datasheet
320Kb / 5P
   Self Resonant Frequency
74405024010 WURTH-74405024010 Datasheet
321Kb / 5P
   Self Resonant Frequency
74405024015 WURTH-74405024015 Datasheet
321Kb / 5P
   Self Resonant Frequency
74406032047 WURTH-74406032047 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042330 WURTH-74406042330 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405020022 WURTH-74405020022 Datasheet
320Kb / 5P
   Self Resonant Frequency
74405042010 WURTH-74405042010 Datasheet
324Kb / 5P
   Self Resonant Frequency
74405042068 WURTH-74405042068 Datasheet
324Kb / 5P
   Self Resonant Frequency
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com