Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW75N60H3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKW75N60H3
Description  600V hibh speed switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N60H3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKW75N60H3 Datasheet HTML 1Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 2Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 3Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 4Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 5Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 6Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 7Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 8Page - Infineon Technologies AG IKW75N60H3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
$
!"#$%&' (
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
#
#
#
!
577 &45
:"44
6
!>5?# 574 $
VZ[X
L
F
:-
+
577 &45
:"44
3 4; 4"5# 574 $
F
)
-
)
.
2"5> 85 ? > 574 $
E
F
E
-
)
+
+
+
/ 4
:"44
4< 3<57> 574 $
F V UX
:-
F
1
)
\ 5 $ 4
574 $ &577 &45 &;
#4
L
+
F
)
1
M-
/ 4
:"44
7
! $ &;
#4
F L
F
#-
#3&5#>;&4 #&
$]
)
-
1
H
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
=7 &4 "& 7
<
&4
"34"&
4
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
;#7 33 54<
?"3 3
&"8" >
#
#
#
$
!
# ;4 &
&"4 #&
^_
1+
0;4 ;4 &
&"4 #&
N_
1
3 4 #38
&
&"4 #&
`_
.
F
8
,a
b
/ 4 &< $
cF
1.
)
-
F
1)
#
#4 # 7 :"44
"#>;&4 #&
:
3; > :: R
d) "# @ 8 5: & 3
e
#,
H<5 4 &" &;"4 &577 &45 &;
#4
9
3<5 4 &" &;"43
": 6 4?
# 3<5 4 &" &;"43J K
3
VL X
F
D 1
4L D M3
+.
-
H?"4&<"#$
<
&4
"34"& #>;&4"
e5 >
4
H?"4&<"#$
<
&4
"34"& #>;&4"
e5 >
4
H?"4&<"#$
<
&4
"34"& #>;&4"
e5 >
4
H?"4&<"#$
<
&4
"34"& #>;&4"
e5 >
4
#
#
#
%&'
!
; # 5# > 7
4":
4fVNgX
#3
"3 4":
4`
+
#3
; # 588 > 7
4":
4fVN]]X
+
#3
b 77 4":
4]
)
#3
; # 5# # $
=Ng
:h
; # 588 # $
=N]]
)
:h
54 7 3?"4&<"#$ # $
=
1 )
:h
1
)
-
F
Y
F
i
ej
d #,
j
b
ej
j 8 5: b"$ =
=# $ 7533 3 "#&7;> k4 "7l #>
>"5>
3
&5


Similar Part No. - IKW75N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IKW75N60T INFINEON-IKW75N60T Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
IKW75N60TA INFINEON-IKW75N60TA Datasheet
1,003Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 14.07.2014
logo
Inchange Semiconductor ...
IKW75N60TFK ISC-IKW75N60TFK Datasheet
330Kb / 3P
   Trench gate Field-Stop IGBT
More results

Similar Description - IKW75N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
   600V high speed switching series third generation
2012-05-29 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGB20N60H3 INFINEON-IGB20N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGW50N60H3 INFINEON-IGW50N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
2010-07-26 revision:1.2
IGB30N60H3 INFINEON-IGB30N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
2010-07-26 revision:1.1
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
IGP20N60H3 INFINEON-IGP20N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com