Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N120T2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKW40N120T2
Description  IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N120T2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKW40N120T2 Datasheet HTML 1Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 2Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 3Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 4Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 5Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 6Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 7Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 8Page - Infineon Technologies AG IKW40N120T2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IKW40N120T2
TrenchStop
® 2nd Generation Series
IFAG IPC TD VLS
5
Rev. 2.4
23.09.2014
10Hz
100Hz
1kHz
10kHz
100kHz
0A
20A
40A
60A
80A
100A
120A
140A
160A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0.1A
1A
10A
100A
DC
10µs
t
p=3µs
50µs
500µs
20ms
150µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1.
Collector current as a function of
switching frequency
(Tj  175C, D = 0.5, VCE = 600V,
VGE = 0/+15V, RG = 12)
Figure 2.
Safe operating area
(D = 0, TC = 25C,
Tj 175C;VGE=15V)
25°C
50°C
75°C
100°C
125°C
150°C
0W
100W
200W
300W
400W
25°C
75°C
125°C
0A
10A
20A
30A
40A
50A
60A
70A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3.
Maximum power dissipation as a
function of case temperature
(Tj  175C)
Figure 4.
Maximum collector current as a
function of case temperature
(VGE  15V, Tj  175C)
Ic
Ic


Similar Part No. - IKW40N120T2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
More results

Similar Description - IKW40N120T2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25N120T2 INFINEON-IKW25N120T2_13 Datasheet
464Kb / 15P
   IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IKW15N120T2 INFINEON-IKW15N120T2_13 Datasheet
477Kb / 15P
   IGBT in 2nd generation TrenchStop짰 technology with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IHW40T60 INFINEON-IHW40T60_13 Datasheet
582Kb / 13P
   IGBT in TRENCHSTOP technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.1 10.12.2013
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
IKP15N60T INFINEON-IKP15N60T_15 Datasheet
516Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com