Electronic Components Datasheet Search |
|
744838180160 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744838180160 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 5 page Dimensions: [mm] 1 2 3 4 5 6 70,0 O max. detail A 6,0 min. 1,8 O typ. 1 A Recommended Hole Pattern: [mm] 6x O2,4 O 5,0 3 2 1 4 5 6 Schematic: 7 6 3 2 1 4 5 6 Properties Test conditions Value Unit Tol. Inductance 10 kHz/ 0.1 mA L 3x18 mH ±50% Rated Current @ 70 °C IR 16 A max. DC Resistance @ 20 °C RDC 3x14 mΩ max. Rated Voltage 50 Hz UR 760 V (AC) max. Insulation Test Voltage 50 Hz/ 2 sec. UT 3000 V (AC) Electrical Properties: It is recommeded that the temperature of the component does not exceed +125°C under worst case conditions Storage Temperature (in original packaging) -20 °C up to +60 °C Operating Temperature -40 °C up to +125 °C Temperature Rise < 55K Due to heavy weight, we recommend to fix the component on PCB with a self tapping screw: 4.8*xx = screw length, depends from used PCB thickness Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently General Information: Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS HasA DIN ISO 2768-1m DESCRIPTION WE-TPBHV Three-Phase Common Mode Power Line Choke ORDER CODE 744838180160 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 4XL 001.000 Valid 2016-09-16 eiSos 1/5 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 744838180160 |
|
Similar Description - 744838180160 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |