Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9227D8P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS9227D8P
Description  High Precision PSR Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9227D8P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS9227D8P Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9227D8P Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS9227ProductDescription
Copyright@WinsemiMicroelectronics Co.,Ltd., All right reserved
0114
Features
Built-in 650V Power MOSFET
Constant current control without secondary sense and
feedback circuit.
No Auxiliary winding for sensing and supplying
Ultra low operating current to improve efficiency
Universal input voltage
±5% LED current accuracy
LED short and open circuit protection
VCC under-voltage protection
Over temperature protection
Available in DIP-8 package and SOP-7 package
Applications
LED bulb, spot light
Other LED lighting
Description
The WS9227 is a high precision primary-side feedback
and regulation controller for LED lighting, it operates in
constant current control mode and is designed to work in
inductor current discontinuous conduction mode and
especially suitable for fly back convertor under universal input.
The output power of system is recommended to less than
24W.
The WS9227integrates 650V power MOSFET. Since
adopting primary sense and feedback control technology, the
secondary sense and feedback circuit is eliminated. The loop
compensation
components
are
also
removed
while
maintaining stability overall operating conditions. The
operating current is very low, and it doesn’t need the auxiliary
winding for sensing the output current and supplying the chip.
The low component counts and small system size are
realized.
Since using the proprietary high accurate current sense
method, theWS9227 realizes ±5% accuracy of LED current
along with excellent line and load regulation.
The WS9227 offers rich protection functions including
LED
open/short
circuit
protection,
over-temperature
protection, VCC under voltage protection.
Typical Application
High Precision PSR Constant Current LED Driver


Similar Part No. - WS9227D8P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9227D8P WINSEMI-WS9227D8P Datasheet
544Kb / 8P
   High Precision PSR Constant Current LED Driver
More results

Similar Description - WS9227D8P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
   High Precision PSR Constant Current LED Driver
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com