Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9445P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS9445P
Description  Non-isolated BuckOffline LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9445P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS9445P Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9445P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/9
WS9445P Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Function Description
The WS9445P is a high performance non-isolated buck
converter specially designed for LED lighting. The device
integrates a 600V power MOSFET. With the help of
advanced constant current control and gate drive technology,
the
converter
achieves
excellent
constant
current
performance with very few external components. It does not
need auxiliary winding for powering the IC or voltage sensing,
hence the system size and cost is greatly reduced.
Start Up
After system powered on, the VCC pin capacitor is
charged up by the start up resistor. When the VCC pin
voltage reaches the turn on threshold, the internal circuits
start operating. The WS9445P integrates a 17V ZENER
diode to clamp the VCC voltage. Due to the ultra-low
operating current, the auxiliary winding is not needed to
supply the IC.
The typical value of the start-up current is 200uA (the
maximum value is 300uA). For the application of 176VAC—
264VAC, the start-up resistor can be calculated by the
equation:
K
I
V
R
MAX
ST
MIN
IN
ST
910
270
414
.
1
176
414
.
1
_
_
Two resistors in 1206 size SMD can be used in series.
VCC Capacitor Selection
The Vcc capacitor is used to bypass noise to IC, so that
to assure its stable operation, and should be as close as
possible to the chip.
A 4.7uF capacitor can be used in Vcc. If selecting MLCC,
the material of X7R will be used to satisfy the stability of the
capacity under high temperatures. Due to external damage
resulted from small volume and brittle texture of MLCC, the
Vcc is easy to leakage currents, which will make the
WS9445P unable to start. Strict control measures are taken
in its layout and productive process.
Constant Current Control
The WS9445P utilizes proprietary current control
method. It can achieve precise LED output current with a few
external components. Cycle by Cycle current sense is
adopted in WS9445P, the CS pin is connected to the current
sense comparator, and the voltage on CS pin is compared
with the internal 400mV reference voltage. The MOSFET will
be switched off when the voltage on CS pin reaches the
threshold. The CS comparator includes a 350ns leading edge
blanking time.
The peak inductor current is calculated by the equation:
)
(
400
mA
R
I
CS
PK
Where, RCS is the current sense resistor value.
The current in LED can be calculated by the equation:
)
(
2
mA
I
I
PK
LED
Where, IPK is the peak current of the inductor.
Freewheeling Diode
The diode will b
ear the reverse voltage equal to the
input voltage when the MOSFET is on.A 600V diode was
suggested to use. Besides, the operating frequency of
freewheeling diode is from 20K to 120 KHz, such ultra fast
recovery diodes as ES and ER whose Trr is less than 50ns are
good choice.
Input Electrolytic Capacitor
Input voltage should be considered in to the capacitor
pressure, and the common value is 400V.
In general, the capacity design can be calculated by the
following empirical equations:
90Vac~264Vac: 1W output uses1uF
buck electrolytic
capacitor;
176Vac~264Vac: 1W output uses 0.5uF buck electrolytic
capacitor.
Output Capacitor
Electrolytic capacitor is recommended to be used. Its
stable capacitance can improve the efficiency of power supply,
the LED ripple current and luminous efficiency.
Vovp voltage should be considered in output capacitor
pressure.


Similar Part No. - WS9445P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9445P WINSEMI-WS9445P Datasheet
843Kb / 9P
   Non-isolated BuckOffline LED Driver
WS9445PD7P WINSEMI-WS9445PD7P Datasheet
843Kb / 9P
   Non-isolated BuckOffline LED Driver
More results

Similar Description - WS9445P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9441 ETC2-WS9441 Datasheet
404Kb / 9P
   Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
   Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
   Non-isolated BuckOffline LED Driver
logo
List of Unclassifed Man...
WS9441P ETC2-WS9441P Datasheet
825Kb / 9P
   Non-isolated BuckOffline LED Driver
WS9445 ETC2-WS9445 Datasheet
588Kb / 9P
   Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9445P WINSEMI-WS9445P Datasheet
843Kb / 9P
   Non-isolated BuckOffline LED Driver
WS9445 WINSEMI-WS9445 Datasheet
588Kb / 9P
   Non-isolated BuckOffline LED Driver
logo
Unisonic Technologies
USL3631 UTC-USL3631 Datasheet
210Kb / 6P
   NON-ISOLATED BUCK OFFLINE LED DRIVER
USL3633 UTC-USL3633_16 Datasheet
219Kb / 6P
   NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
List of Unclassifed Man...
WS3442 ETC2-WS3442 Datasheet
610Kb / 10P
   Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com