Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANCA_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ANCA_SERIES
Description  Fully Encapsulated Plastic Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ANCA_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ANCA_SERIES Datasheet HTML 1Page - Arch Electronics Corp. ANCA_SERIES Datasheet HTML 2Page - Arch Electronics Corp. ANCA_SERIES Datasheet HTML 3Page - Arch Electronics Corp. ANCA_SERIES Datasheet HTML 4Page - Arch Electronics Corp. ANCA_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : B_6
update : 2010.07.09
AC-DC Power Module
ANC
A SERIES
15 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Dual、Triple Output )
ANC-5D
A
ANC-12D
A
ANC-15D
A
ANC-5S12D
A
ANC-5S15D
A
Max Output Wattage (W)
15W
15W
15W
15W
15W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
310 mA max. (115 VAC) / 170 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
±5V
±12V
±15V
5/±12
5/±15
Voltage Accuracy
±5%
±2%
Current (mA) max
±1500
±650
±500
2000/±200
2000/±150
Line Regulation (LL-HL) (typ.)
±0.5%
±1% / ±5%
Load Regulation (5-100%) (typ.)
±3%
±2% / ±5%
Minimum Load
0%
5V 10%
(200 mA)
Maximum Capacitive Load
±13500 uF
±2700 uF
±1400 uF
14000 / ±900 uF
14000 / ±680 uF
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
76%
79%
77%
73%
73%
Hold-up Time
15 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
Input-FG (V.AC)
1500V
Isolation
Output-FG (V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.91 x 2.13 x 0.87 Inches
( 74.0 x 54.0 x 22.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
140 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, TUV
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - ANCA_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
ANCA-E1 ARCH-ANCA-E1 Datasheet
303Kb / 4P
   AC-DC Power Module
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
   Switching Power Module for PCB Mountable
ANCA ARCH-ANCA_16 Datasheet
254Kb / 3P
   AC -DC PowerModule
More results

Similar Description - ANCA_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
MSC_SERIES ARCH-MSC_SERIES Datasheet
257Kb / 3P
   Fully Encapsulated Plastic Case
MTC_SERIES ARCH-MTC_SERIES Datasheet
249Kb / 3P
   Fully Encapsulated Plastic Case
logo
Minmax Technology Co., ...
AAF-03 MINMAX-AAF-03 Datasheet
476Kb / 3P
   Fully Encapsulated Plastic Case for PCB Mounting
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com