Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805A-1-V-F3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2805A-1-V-F3
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805A-1-V-F3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2805A-1-V-F3 Datasheet HTML 1Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 2Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 3Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 4Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION
The PS2805A-1 and PS2805A-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SSOP for high density applications to realize an excellent cost performance.
This package has shield effect to cut off ambient light.
PS2805A-1
PS2805A-4
PIN CONNECTION
(Top View)
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
43
12
12 34 56 78
16 15 14 13 12 11 10 9
Anode, Cathode
Cathode, Anode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
• AC input response
• Ordering number of tape product: PS2805A-1-F3, F4, PS2805A-4-F3, F4
• Pb-Free product
• Safety standards
UL approved: File No. E72422
DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Programmable logic controllers
• OA equipment
• Measuring instruments
• Hybrid IC
The mark
shows major revised points.
PHOTOCOUPLER
PS2805A-1,PS2805A-4
HIGH ISOLATION VOLTAGE
AC INPUT RESPONSE TYPE
SSOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10399EJ02V0DS (2nd edition)
Date Published October 2004 CP(K)


Similar Part No. - PS2805A-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805A-1-V-F3 RENESAS-PS2805A-1-V-F3 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805A-1-V-F3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com