Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805A-1-V-F4 Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS2805A-1-V-F4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805A-1-V-F4 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS2805A-1-V-F4 Datasheet HTML 4Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 5Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 6Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 7Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 8Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 9Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 10Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 11Page - California Eastern Labs PS2805A-1-V-F4 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
°C
Data Sheet PN10399EJ02V0DS
10
PS2805A-1,PS2805A-4


Similar Part No. - PS2805A-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805A-1-V-F4 RENESAS-PS2805A-1-V-F4 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805A-1-V-F4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com