Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2832-1-V Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2832-1-V
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2832-1-V Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2832-1-V Datasheet HTML 3Page - California Eastern Labs PS2832-1-V Datasheet HTML 4Page - California Eastern Labs PS2832-1-V Datasheet HTML 5Page - California Eastern Labs PS2832-1-V Datasheet HTML 6Page - California Eastern Labs PS2832-1-V Datasheet HTML 7Page - California Eastern Labs PS2832-1-V Datasheet HTML 8Page - California Eastern Labs PS2832-1-V Datasheet HTML 9Page - California Eastern Labs PS2832-1-V Datasheet HTML 10Page - California Eastern Labs PS2832-1-V Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PS2832-1,-4,PS2833-1,-4
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
–50
–25
0
25
50
75
100
10 000
100 000
1 000
100
10
1
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
25
50
75
100
100
80
60
40
20
0
0.8 mW/˚C
0.6 mW/˚C
PS2832-4
PS2833-4
PS2832-1
PS2833-1
1.2 mW/˚C
PS2832-1, -4
PS2833-1, -4
25
50
75
100
120
100
80
60
40
20
0
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
100
50
10
5
1
0.5
0.1
0.7
0.9
1.1
1.3
1.5
0.8
1.0
1.2
1.4
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
0 ˚C
–25 ˚C
–50 ˚C
TA = +100 ˚C
+60 ˚C
+25 ˚C
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
12
3
4
5
100
50
10
5
1
0
1 mA
5 mA
3 mA
2 mA
IF = 0.5 mA
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
50
10
5
1
IF = 0.5 mA
1 mA
5 mA
2 mA
3 mA
CTR = 1 068 %
2 290 %
4 360 %
VCEO = 300 V
Data Sheet PN10257EJ01V0DS
7


Similar Part No. - PS2832-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2832-1-V NEC-PS2832-1-V Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1-V RENESAS-PS2832-1-V Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2832-1-V-F3 NEC-PS2832-1-V-F3 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1-V-F3 RENESAS-PS2832-1-V-F3 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2832-1-V-F4 NEC-PS2832-1-V-F4 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
More results

Similar Description - PS2832-1-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com