Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2833-1 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2833-1
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2833-1 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2833-1 Datasheet HTML 1Page - California Eastern Labs PS2833-1 Datasheet HTML 2Page - California Eastern Labs PS2833-1 Datasheet HTML 3Page - California Eastern Labs PS2833-1 Datasheet HTML 4Page - California Eastern Labs PS2833-1 Datasheet HTML 5Page - California Eastern Labs PS2833-1 Datasheet HTML 6Page - California Eastern Labs PS2833-1 Datasheet HTML 7Page - California Eastern Labs PS2833-1 Datasheet HTML 8Page - California Eastern Labs PS2833-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS2832-1,-4,PS2833-1,-4
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
4.4
7.0±0.3
0.5±0.3
1.27
2.7±0.3
43
12
10.3±0.3
18
16
9
PS2832-1
PS2833-1
PS2832-4
PS2833-4
M
0.12
0.40+0.10
–0.05
4.4
7.0±0.3
0.5±0.3
43
12
1
2 34
5 67
8
16 15 14 13 12 11 10 9
1. Anode
2. Cathode
3. Emitter
4. Collector
1. 3. 5. 7. Anode
2. 4. 6. 8. Cathode
9. 11. 13. 15. Emitter
10. 12. 14. 16. Collector
MARKING
32
003
Assembly Lot
0 03
Week Assembled
Last number of type No. : 32/33
PS2832-1
PS2833-1
N 0 03
Country Assembled
Type Number
Assembly Lot
No. 1 pin
Mark
PS2832-4
PS2833-4
PS2832-4
N 003
Week Assembled
Year Assembled
(Last 1 Digit)
Year Assembled
(Last 1 Digit)
CTR Rank Code
Data Sheet PN10257EJ01V0DS
2


Similar Part No. - PS2833-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2833-1 NEC-PS2833-1 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2833-1 RENESAS-PS2833-1 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2833-1-F3 NEC-PS2833-1-F3 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2833-1-F3 RENESAS-PS2833-1-F3 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2833-1-F4 NEC-PS2833-1-F4 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
More results

Similar Description - PS2833-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com