Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811RERC Datasheet(PDF) 5 Page - Microchip Technology

Part # TCM811RERC
Description  4-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811RERC Datasheet(HTML) 5 Page - Microchip Technology

  TCM811RERC Datasheet HTML 1Page - Microchip Technology TCM811RERC Datasheet HTML 2Page - Microchip Technology TCM811RERC Datasheet HTML 3Page - Microchip Technology TCM811RERC Datasheet HTML 4Page - Microchip Technology TCM811RERC Datasheet HTML 5Page - Microchip Technology TCM811RERC Datasheet HTML 6Page - Microchip Technology TCM811RERC Datasheet HTML 7Page - Microchip Technology TCM811RERC Datasheet HTML 8Page - Microchip Technology TCM811RERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 5
TCM811/TCM812
3.0
TYPICAL PERFORMANCE CHARACTERISTICS
FIGURE 3-1:
Supply Current vs. Temperature.
FIGURE 3-2:
Power-Down
Reset
Delay
vs.
Temperature.
FIGURE 3-3:
Power-Up
Reset
Timeout
vs.
Temperature.
FIGURE 3-4:
Supply Current vs. Temperature.
FIGURE 3-5:
Power-Down
Reset
Delay
vs.
Temperature.
FIGURE 3-6:
Power-Down
Reset
Delay
vs.
Temperature.
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not
tested or guaranteed. In some graphs, the data presented may be outside the specified operating range
(e.g., outside specified power supply range) and therefore outside the warranted range.
VDD = 1V
TEMPERATURE (˚C)
8
10
12
14
6
4
2
0
–40
0
20
–20
40
60
85
VDD = 5V
VDD = 3V
TCM81xR/S/T/F
No Load
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
VOD = 20 mV
VOD = 100 mV
VOD = 200 mV
TCM81xF
TEMPERATURE (˚C)
240
245
250
235
230
225
–40
0
20
–20
40
60
85
TCM81xL/M
TCM81xR/S/T/F
8
6
4
2
0
TEMPERATURE (˚C)
–40
0
20
–20
40
60
85
VDD = 5V
VDD = 3V
VDD = 1V
TCM81xL/M
No Load
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
V
OD = 100 mV
V
OD = 200 mV
V
OD = 20 mV
TCM81xL/M
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
V
OD = 20 mV
V
OD = 100 mV
V
OD = 200 mV
TCM81x/R/S/T


Similar Part No. - TCM811RERC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM811 MICROCHIP-TCM811 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
More results

Similar Description - TCM811RERC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
   4-Pin 關P Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com