Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T58MM106M6R3C0300 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T58MM106M6R3C0300
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T58MM106M6R3C0300 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T58MM106M6R3C0300 Datasheet HTML 3Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 4Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 5Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 6Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 7Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 8Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 9Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 10Page - Vishay Siliconix T58MM106M6R3C0300 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 05-Oct-16
2
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID ELECTROLYTE POLYMER TANTALUM CAPACITORS
Solid electrolyte polymer capacitors utilize sintered tantalum pellets as anodes. Tantalum pentoxide dielectric layer is formed
on the entire surface of anode, which is further impregnated with highly conductive polymer as cathode system.
The conductive polymer layer is then coated with graphite, followed by a layer of metallic silver, which provides a conductive
surface between the capacitor element and the outer termination (lead frame or other).
Molded chip polymer tantalum capacitor encases the element in plastic resins, such as epoxy materials. After assembly, the
capacitors are tested and inspected to assure long life and reliability. It offers excellent reliability and high stability for variety of
applications in electronic devices. Usage of conductive polymer cathode system provides very low equivalent series resistance
(ESR), which makes the capacitors particularly suitable for high frequency applications.
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T55
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T58
Silver adhesive
Solderable cathode termination
Polymer / carbon / silver coating
Sintered tantalum pellet
Epoxy encapsulation
Lead frame welded to Ta wire
Anode polarity bar
Solderable anode termination
Anode polarity bar
Side anode termination (+)
Side cathode termination (-)
Encapsulation
Sintered tantalum pellet
Polymer / carbon / silver coating
Glass reinforced epoxy resin substrate
Bottom cathode termination (-)
Silver adhesive epoxy
Conductive strip
Rating / marking
Bottom anode termination (+)
Copper pad
Anode wire


Similar Part No. - T58MM106M6R3C0300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T58MM106M6R3C0300 VISHAY-T58MM106M6R3C0300 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58MM106M6R3C0300 VISHAY-T58MM106M6R3C0300 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results

Similar Description - T58MM106M6R3C0300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T52 VISHAY-T52 Datasheet
552Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
Revision: 05-Oct-17
T59 VISHAY-T59 Datasheet
556Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
Revision: 19-Oct-16
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com