Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55A476M004C0200 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T55A476M004C0200
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55A476M004C0200 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T55A476M004C0200 Datasheet HTML 6Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 7Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 8Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 9Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 10Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 11Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 12Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 13Page - Vishay Siliconix T55A476M004C0200 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
10
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
12.5 VDC AT +105 °C
15
T
T55T156M12RC0080
18.7
8
80
1.14
1000
16 VDC AT +105 °C
6.8
B
T55B685M016C0200
10.8
8
200
0.80
1000
10
B
T55B106M016C0200
16.0
8
200
0.80
1000
10
B
T55B106M016C0100
16.0
8
100
1.14
2000
15
B
T55B156M016C0150
24.0
8
150
0.93
1000
15
B
T55B156M016C0090
24.0
8
90
1.20
2000
22
B
T55B226M016C0150
35.2
8
150
0.93
1000
22
B
T55B226M016C0070
35.2
8
70
1.36
1000
33
V
T55V336M016C0070
52.8
10
70
1.63
2000
47
V
T55V476M016C0070
75.2
10
70
1.63
1000
47
V
T55V476M016C0045
75.2
10
45
2.03
2000
100
V
T55V107M016C0050
160.0
10
50
1.93
2000
20 VDC AT +105 °C
15
B
T55B156M020C0090
30.0
8
90
1.20
2000
15
B
T55B156M020C0070
30.0
8
70
1.36
1000
47
V (1)
T55V476M020C0045
94.0
10
45
2.03
1000
25 VDC AT +105 °C
6.8
B
T55B685M025C0100
17.0
8
100
1.14
1000
10
B
T55B106M025C0150
25.0
8
150
0.93
1000
10
B
T55B106M025C0100
25.0
8
100
1.14
1000
15
B
T55B156M025C0100
37.5
8
100
1.14
2000
33
D
T55D336M025C0060
82.5
10
60
1.93
1000
100
D
T55D107M025C0060
250.0
10
60
1.93
1000
35 VDC AT +105 °C
6.8
B
T55B685M035C0200
23.8
8
200
0.81
1000
22
D
T55D226M035C0120
77.0
10
120
1.36
1000
33
D (1)
T55D336M035C0100
115.5
10
100
1.50
1000
50 VDC AT +105 °C
10
D
T55D106M050C0120
50.0
10
120
1.36
1000
10
D
T55D106M050C0090
50.0
10
90
1.58
1000
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
2.3
4.0
3.6
6.3
5.7
7.0
6.3
10
9.0
12.5
11.2
16
12.8
20
16
25
20
35
28
50
40
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni / Pd / Au, cases T, B, V, D: Ni / Pd / Au.
(1) Rating in development, contact factory for availability.


Similar Part No. - T55A476M004C0200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55A476M004C0200 VISHAY-T55A476M004C0200 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55A476M004C0200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com