Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14016B Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14016B
Description  Quad Analog Switch/ Quad Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14016B Datasheet HTML 1Page - ON Semiconductor MC14016B Datasheet HTML 2Page - ON Semiconductor MC14016B Datasheet HTML 3Page - ON Semiconductor MC14016B Datasheet HTML 4Page - ON Semiconductor MC14016B Datasheet HTML 5Page - ON Semiconductor MC14016B Datasheet HTML 6Page - ON Semiconductor MC14016B Datasheet HTML 7Page - ON Semiconductor MC14016B Datasheet HTML 8Page - ON Semiconductor MC14016B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC14016B
http://onsemi.com
5
Figure 1. Input Voltage Test Circuit
VC
Vin
Vout
IS
VIL: VC is raised from VSS until VC = VIL.
VIL: at VC = VIL: IS = ±10 mA with Vin = VSS, Vout = VDD or Vin = VDD, Vout = VSS.
VIH: When VC = VIH to VDD, the switch is ON and the RON specifications are met.
Figure 2. Quiescent Power Dissipation
Test Circuit
Figure 3. Typical Power Dissipation per Circuit
(1/4 of device shown)
PULSE
GENERATOR
VDD
10 k
ID
VDD
Vout
VSS
Vin
fc
TO ALL
4 CIRCUITS
PD = VDD x ID
50M
10M
1.0M
100k
10k
5.0k
10,000
1000
100
10
1.0
TA = 25°C
10 Vdc
5.0 Vdc
fc, FREQUENCY (Hz)
CONTROL
INPUT
VDD = 15 Vdc
TYPICAL RON versus INPUT VOLTAGE
Figure 4. VSS = 0 V
700
600
500
400
300
200
100
0
0
2.0
6.0
10
14
18
20
Vin, INPUT VOLTAGE (Vdc)
VSS = 0 Vdc
RL = 10 kW
TA = 25°C
VC = VDD = 10 Vdc
VC = VDD = 15 Vdc


Similar Part No. - MC14016B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
logo
Motorola, Inc
MC14016BCL MOTOROLA-MC14016BCL Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
MC14016BCP MOTOROLA-MC14016BCP Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
More results

Similar Description - MC14016B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com