Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4141ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4141ID
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4141ID Datasheet(HTML) 4 Page - Texas Instruments

  THS4141ID Datasheet HTML 1Page - Texas Instruments THS4141ID Datasheet HTML 2Page - Texas Instruments THS4141ID Datasheet HTML 3Page - Texas Instruments THS4141ID Datasheet HTML 4Page - Texas Instruments THS4141ID Datasheet HTML 5Page - Texas Instruments THS4141ID Datasheet HTML 6Page - Texas Instruments THS4141ID Datasheet HTML 7Page - Texas Instruments THS4141ID Datasheet HTML 8Page - Texas Instruments THS4141ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMRR
Common-mode rejection ratio
TA = full range
75
84
dB
VICR
Common-mode input voltage range
− 3.77 to
− 4 to 4.5
V
VICR
Common-mode input voltage range
− 3.77 to
4.3
− 4 to 4.5
V
RI
Input resistance, closed loop
Measured into each input terminal
14.4
M
CI
Input capacitance
3.9
pF
ro
Output resistance
Open loop
43
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
TA = 25°C
1.2 to 3.8
0.9 to 4.1
VCC = 5 V
TA = full range
1.3 to 3.7
Output voltage swing
VCC = ±5 V
TA = 25°C
±3.7
±3.9
V
Output voltage swing
VCC = ±5 V
TA = full range
±3.6
V
VCC = ±15 V
TA = 25°C
±12
±12.9
VCC = ±15 V
TA = full range
±11
VCC = 5 V
TA = 25°C
35
45
VCC = 5 V
TA = full range
25
IO
Output current, RL = 7 Ω
VCC = ±5 V
TA = 25°C
45
60
mA
IO
Output current, RL = 7 Ω
VCC = ±5 V
TA = full range
35
mA
VCC = ±15 V
TA = 25°C
65
85
VCC = ±15 V
TA = full range
50
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage range
Single supply
4
33
V
VCC
Supply voltage range
Split supply
±2
±16.5
V
VCC = ±5 V
TA = 25°C
13.2
16
ICC
Quiescent current
VCC = ±5 V
TA = full range
18
mA
ICC
Quiescent current
VCC = ±15 V
TA = 25°C
15
mA
ICC(SD) Quiescent current (shutdown) (THS4140)
TA = 25°C
0.88
1.2
mA
ICC(SD) Quiescent current (shutdown) (THS4140)
TA = full range
1.4
mA
PSRR
Power supply rejection ratio (dc)
TA = 25°C
70
90
dB
PSRR
Power supply rejection ratio (dc)
TA = full range
65
dB
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.


Similar Part No. - THS4141ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141ID TI-THS4141ID Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141IDG4 TI-THS4141IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141IDGK TI-THS4141IDGK Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141IDGKG4 TI-THS4141IDGKG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141IDGKR TI-THS4141IDGKR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4141ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com