Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55D227M6R3C0055 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T55D227M6R3C0055
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55D227M6R3C0055 Datasheet(HTML) 2 Page - Vishay Siliconix

  T55D227M6R3C0055 Datasheet HTML 1Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 2Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 3Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 4Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 5Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 6Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 7Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 8Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
2
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability.
CASE CODE
EIA SIZE
L
W
H
l
a
J
1608-09
0.063 ± 0.004
[1.6 ± 0.1]
0.031 ± 0.004
[0.8 ± 0.1]
0.031 ± 0.004
[0.8 ± 0.1]
0.012 ± 0.006
[0.3 ± 0.15]
0.024 ± 0.004
[0.6 ± 0.1]
P
2012-12
0.080 ± 0.008
[2.0 ± 0.2]
0.049 ± 0.008
[1.25 ± 0.2]
0.047 max.
[1.2 max.]
0.020 ± 0.008
[0.5 ± 0.2]
0.035 ± 0.004
[0.9 ± 0.1]
A
3216-18
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.028 ± 0.012
[0.7 ± 0.3]
0.047 ± 0.008
[1.2 ± 0.2]
T
3528-12
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.047 max.
[1.2 max.]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.075 ± 0.008
[1.9 ± 0.2]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
V
7343-20
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.075 ± 0.004
[1.9 ± 0.1]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
D
7343-30
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.008
[2.8 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V
7.0 V
10 V
12.5 V
16 V
20 V
25 V
35 V
50 V
3.3
J / P
J / P
4.7
J / P / A
P / A
6.8
P / A
A
B
B
B
10
J / P / A
P / A
A
B
B
D
15
P / A
A
A
T
BBB
22
A
A / B
A / T / B
A / T / B
B
D
33
A
A / B
A / T / B
A / T / B
V
D
D (1)
47
A
A / T / B
A / T / B
B
V
V (1)
68
A / B
A / T / B
T / B
V
100
A / T / B
A / T / B
A / T / B / V
A
V / D
V
D
150
B
B / V
B / V
V
220
B / V
B / V / D
B / V / D
V / D
330
B / V
V / D
V / D
D
470
B / D
D
V / D
680
D
DIMENSIONS in inches [millimeters]
Anode indication belt mark
A, B, T case
a
L
H
W
ll
D, V case
a
a
L
H
W
ll


Similar Part No. - T55D227M6R3C0055

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55D227M6R3C0055 VISHAY-T55D227M6R3C0055 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55D227M6R3C0055

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com